Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST7FLITE25F1B6 Datasheet(PDF) 52 Page - STMicroelectronics

Part # ST7FLITE25F1B6
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE25F1B6 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button ST7FLITE25F1B6 Datasheet HTML 48Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 49Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 50Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 51Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 52Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 53Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 54Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 55Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 166 page
background image
Power saving modes
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
52/166
Doc ID 8349 Rev 5
9
Power saving modes
9.1
Introduction
To give a large measure of flexibility to the application in terms of power consumption, five
main power saving modes are implemented in the ST7 (see Figure 21):
Slow
Wait (and Slow-Wait)
Active Halt
Auto Wake up From Halt (AWUF)
Halt
After a RESET the normal operating mode is selected by default (Run mode). This mode
drives the device (CPU and embedded peripherals) by means of a master clock which is
based on the main oscillator frequency divided or multiplied by 2 (fOSC2).
From RUN mode, the different power saving modes may be selected by setting the relevant
register bits or by calling the specific ST7 software instruction whose action depends on the
oscillator status.
Figure 21. Power saving mode transitions
9.2
SLOW mode
This mode has two targets:
To reduce power consumption by decreasing the internal clock in the device,
To adapt the internal clock frequency (fCPU) to the available supply voltage.
POWER CONSUMPTION
WAIT
SLOW
RUN
ACTIVE-HALT
HIGH
LOW
SLOW-WAIT
AUTO-WAKEUP FROM HALT
HALT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com