Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST7FLITE25F1B6 Datasheet(PDF) 77 Page - STMicroelectronics

Part # ST7FLITE25F1B6
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE25F1B6 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button ST7FLITE25F1B6 Datasheet HTML 73Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 74Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 75Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 76Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 77Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 78Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 79Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 80Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 166 page
background image
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
On-chip peripherals
Doc ID 8349 Rev 5
77/166
Software can set the BA bit to activate the break function without using the BREAK pin.
When the break function is activated (BA bit =1):
the break pattern (PWM[3:0] bits in the BREAKCR) is forced directly on the PWMx
output pins (after the inverter),
the 12-bit PWM counter is set to its reset value,
the ARR, DCRx and the corresponding shadow registers are set to their reset
values,
the PWMCR register is reset.
When the break function is deactivated after applying the break (BA bit goes from 1 to
0 by software):
the control of PWM outputs is transferred to the port registers.
Figure 38. Block diagram of break function
Note:
The BREAK pin value is latched by the BA bit.
Input capture
The 12-bit ATICR register is used to latch the value of the 12-bit free running upcounter after
a rising or falling edge is detected on the ATIC pin.
When an input capture occurs, the ICF bit is set and the ATICR register contains the value of
the free running upcounter. An IC interrupt is generated if the ICIE bit is set. The ICF bit is
reset by reading the ATICR register when the ICF bit is set. The ATICR is a read only
register and always contains the free running upcounter value which corresponds to the
most recent input capture. Any further input capture is inhibited while the ICF bit is set.
PWM0
PWM1
PWM2
PWM3
1
0
PWM0
PWM1
PWM2
PWM3
BREAKCR register
BREAK pin
PWM counter -> Reset value
ARR & DCRx -> Reset value
PWM Mode -> Reset value
When BA is set:
(Active low)
(Inverters)
PWM0
PWM1
PWM2
PWM3
BPEN
BA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com