Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST7FLITE25F1B6 Datasheet(PDF) 46 Page - STMicroelectronics

Part # ST7FLITE25F1B6
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE25F1B6 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button ST7FLITE25F1B6 Datasheet HTML 42Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 43Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 44Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 45Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 46Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 47Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 48Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 49Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 166 page
background image
Interrupts
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
46/166
Doc ID 8349 Rev 5
8
Interrupts
The ST7 core may be interrupted by one of two different methods: maskable hardware
interrupts as listed in the Interrupt Mapping Table and a nonmaskable software interrupt
(TRAP). The Interrupt processing flowchart is shown in Figure 20: Interrupt processing
flowchart.
The maskable interrupts must be enabled by clearing the I bit in order to be serviced.
However, disabled interrupts may be latched and processed when they are enabled (see
Section : External interrupt function).
Note:
After reset, all interrupts are disabled.
When an interrupt has to be serviced:
Normal processing is suspended at the end of the current instruction execution.
The PC, X, A and CC registers are saved onto the stack.
The I bit of the CC register is set to prevent additional interrupts.
The PC is then loaded with the interrupt vector of the interrupt to service and the first
instruction of the interrupt service routine is fetched (refer to Table 12: Interrupt
mapping for vector addresses).
The interrupt service routine should finish with the IRET instruction which causes the
contents of the saved registers to be recovered from the stack.
Note:
As a consequence of the IRET instruction, the I bit will be cleared and the main program will
resume.
Priority management
By default, a servicing interrupt cannot be interrupted because the I bit is set by hardware
entering in interrupt routine.
In the case when several interrupts are simultaneously pending, an hardware priority
defines which one will be serviced first (see Table 12: Interrupt mapping).
Interrupts and low power mode
All interrupts allow the processor to leave the WAIT low power mode. Only external and
specifically mentioned interrupts allow the processor to leave the HALT low power mode
(refer to the “Exit from HALT“ column in Table 12: Interrupt mapping).
8.1
Non maskable software interrupt
This interrupt is entered when the TRAP instruction is executed regardless of the state of
the I bit. It will be serviced according to the flowchart on Figure 20: Interrupt processing
flowchart.
8.2
External interrupts
External interrupt vectors can be loaded into the PC register if the corresponding external
interrupt occurred and if the I bit is cleared. These interrupts allow the processor to leave the
Halt low power mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com