Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST7FLITE25F1B6 Datasheet(PDF) 36 Page - STMicroelectronics

Part # ST7FLITE25F1B6
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE25F1B6 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button ST7FLITE25F1B6 Datasheet HTML 32Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 33Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 34Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 35Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 36Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 37Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 38Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 39Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 166 page
background image
Supply, reset and clock management
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
36/166
Doc ID 8349 Rev 5
Figure 13. Clock management block diagram
7.4
Multi-oscillator (MO)
The main clock of the ST7 can be generated by four different source types coming from the
multioscillator block (1 to 16MHz or 32kHz):
an external source
5 crystal or ceramic resonator oscillators
an internal high frequency RC oscillator.
Each oscillator is optimized for a given frequency range in terms of consumption and is
selectable through the option byte. The associated hardware configurations are shown in
Table 7.
Note:
Refer to Section 13: Electrical characteristics for more details.
External clock source
In this external clock mode, a clock signal (square, sinus or triangle) with ~50% duty cycle
has to drive the OSC1 pin while the OSC2 pin is tied to ground.
CR4
CR7
CR0
CR1
CR2
CR3
CR6
CR5
RCCR
fOSC
MCCSR
SMS
MCO
MCO
fCPU
fCPU
To CPU and
peripherals
(1ms timebase @ 8 MHz fOSC)
/32 divider
fOSC
fOSC/32
fOSC
fLTIMER
1
0
Lite timer 2 counter
8-bit
at TIMER 2
12-bit
PLL
8 MHz -> 32 MHz
fCPU
CLKIN
OSC2
CLKIN
Tunable
oscillator
1% RC
PLL 1 MHz -> 8 MHz
PLL 1 MHz -> 4 MHz
RC OSC
PLLx4x8
/2
divider
Option bits
Osc,PLLoff,
OSCRANGE[2:0]
OSC
1-16 MHZ
or 32 kHz
CLKIN
CLKIN
/OSC1
OSC
/2
divider
OSC/2
CLKIN/2
CLKIN/2
Option bits
Osc,PLLoff,
OSCRANGE[2:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com