| Electronic Components Datasheet Search |
|
PLL2_C1 Datasheet(PDF) 56 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL2_C1 Datasheet(HTML) 56 Page - Altera Corporation |
|
56 / 274 page ![]() 4–4 Chapter 4: Embedded Multipliers in the Cyclone III Device Family Architecture Cyclone III Device Handbook December 2011 Altera Corporation Volume 1 Figure 4–2 shows the multiplier block architecture. Input Registers You can send each multiplier input signal into an input register or directly into the multiplier in 9- or 18-bit sections, depending on the operational mode of the multiplier. Each multiplier input signal can be sent through a register independently of other input signals. For example, you can send the multiplier Data A signal through a register and send the Data B signal directly to the multiplier. The following control signals are available to each input register in the embedded multiplier: ■ clock ■ clock enable ■ asynchronous clear All input and output registers in a single embedded multiplier are fed by the same clock, clock enable, and asynchronous clear signals. Multiplier Stage The multiplier stage of an embedded multiplier block supports 9 × 9 or 18 × 18 multipliers as well as other multipliers in between these configurations. Depending on the data width or operational mode of the multiplier, a single embedded multiplier can perform one or two multiplications in parallel. For multiplier information, refer to “Operational Modes” on page 4–5. Each multiplier operand is a unique signed or unsigned number. Two signals, signa and signb, control an input of a multiplier and determine if the value is signed or unsigned. If the signa signal is high, the Data A operand is a signed number. If the signa signal is low, the Data A operand is an unsigned number. Figure 4–2. Multiplier Block Architecture CLRN DQ ENA Data A Data B aclr clock ena signa signb CLRN DQ ENA CLRN DQ ENA Data Out Embedded Multiplier Block Output Register Input Register |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |