Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PLL2_C1 Datasheet(PDF) 22 Page - Altera Corporation

Part # PLL2_C1
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C1 Datasheet(HTML) 22 Page - Altera Corporation

Back Button PLL2_C1 Datasheet HTML 18Page - Altera Corporation PLL2_C1 Datasheet HTML 19Page - Altera Corporation PLL2_C1 Datasheet HTML 20Page - Altera Corporation PLL2_C1 Datasheet HTML 21Page - Altera Corporation PLL2_C1 Datasheet HTML 22Page - Altera Corporation PLL2_C1 Datasheet HTML 23Page - Altera Corporation PLL2_C1 Datasheet HTML 24Page - Altera Corporation PLL2_C1 Datasheet HTML 25Page - Altera Corporation PLL2_C1 Datasheet HTML 26Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 274 page
background image
1–10
Chapter 1: Cyclone III Device Family Overview
Cyclone III Device Family Architecture
Cyclone III Device Handbook
July 2012
Altera Corporation
Volume 1
The hot socketing feature allows you to use FPGAs on PCBs that also contain a
mixture of 3.3-V, 2.5-V, 1.8-V, 1.5-V, and 1.2-V devices. The Cyclone III device family
hot socketing feature eliminates power-up sequence requirements for other devices
on the board for proper FPGA operation.
f For more information about hot socketing and power-on-reset, refer to the
Hot-Socketing and Power-on Reset in the Cyclone III Device Family chapter.
SEU Mitigation
Cyclone III LS devices offer built-in error detection circuitry to detect data corruption
due to soft errors in the CRAM cells. This feature allows CRAM contents to be read
and verified to match a configuration-computed CRC value. The Quartus II software
activates the built-in 32-bit CRC checker, which is part of the Cyclone III LS device.
f For more information about SEU mitigation, refer to the SEU Mitigation in the
Cyclone III Device Family chapter.
JTAG Boundary Scan Testing
Cyclone III device family supports the JTAG IEEE Std. 1149.1 specification. The
boundary-scan test (BST) architecture offers the capability to test pin connections
without using physical test probes and captures functional data while a device is
operating normally. Boundary-scan cells in the Cyclone III device family can force
signals onto pins or capture data from pins or from logic array signals. Forced test
data is serially shifted into the boundary-scan cells. Captured data is serially shifted
out and externally compared to expected results. In addition to BST, you can use the
IEEE Std. 1149.1 controller for the Cyclone III LS device in-circuit reconfiguration
(ICR).
f For more information about JTAG boundary scan testing, refer to the IEEE 1149.1
(JTAG) Boundary-Scan Testing for the Cyclone III Device Family chapter.
Quartus II Software Support
The Quartus II software is the leading design software for performance and
productivity. It is the only complete design solution for CPLDs, FPGAs, and ASICs in
the industry. The Quartus II software includes an integrated development
environment to accelerate system-level design and seamless integration with leading
third-party software tools and flows.
The Cyclone III LS devices provide both physical and functional separation between
security critical design partitions. Cyclone III LS devices offer isolation between
design partitions. This ensures that device errors do not propagate from one partition
to another, whether unintentional or intentional. The Quartus II software design
separation flow facilitates the creation of separation regions in Cyclone III LS devices
by tightly controlling the routing in and between the LogicLock regions. For ease of
use, the separation flow integrates in the existing incremental compilation flow.
f For more information about the Quartus II software features, refer to the Quartus II
Handbook.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com