| Electronic Components Datasheet Search |
|
PLL2_C1 Datasheet(PDF) 65 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL2_C1 Datasheet(HTML) 65 Page - Altera Corporation |
|
65 / 274 page ![]() Chapter 5: Clock Networks and PLLs in the Cyclone III Device Family 5–5 Clock Networks July 2012 Altera Corporation Cyclone III Device Handbook Volume 1 Figure 5–1 shows the clock control block. Each PLL generates five clock outputs through the c[4..0] counters. Two of these clocks can drive the GCLK through a clock control block, as shown in Figure 5–1. f For more information about how to use the clock control block in the Quartus® II software, refer to the Clock Control Block (ALTCLKCTRL) Megafunction User Guide. Figure 5–1. Clock Control Block Notes to Figure 5–1: (1) The clkswitch signal can either be set through the configuration file or dynamically set when using the manual PLL switchover feature. The output of the multiplexer is the input clock (fIN) for the PLL. (2) The clkselect[1..0] signals are fed by internal logic and is used to dynamically select the clock source for the GCLK when the device is in user mode. (3) The static clock select signals are set in the configuration file. Therefore, dynamic control when the device is in user mode is not feasible. (4) You can use internal logic to enable or disable the GCLK in user mode. CLKSWITCH (1) Static Clock Select (3) Static Clock Select (3) Internal Logic Clock Control Block DPCLK or CDPCLK CLKSELECT[1..0] (2) Internal Logic (4) inclk1 inclk0 CLK[n + 3] CLK[n + 2] CLK[n + 1] CLK[n] fIN C0 C1 C2 PLL Global Clock Enable/ Disable C3 C4 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |