| Electronic Components Datasheet Search |
|
PLL2_C1 Datasheet(PDF) 18 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL2_C1 Datasheet(HTML) 18 Page - Altera Corporation |
|
18 / 274 page ![]() 1–6 Chapter 1: Cyclone III Device Family Overview Cyclone III Device Family Architecture Cyclone III Device Handbook July 2012 Altera Corporation Volume 1 Table 1–5 lists Cyclone III device family configuration schemes. Cyclone III Device Family Architecture Cyclone III device family includes a customer-defined feature set that is optimized for portable applications and offers a wide range of density, memory, embedded multiplier, and I/O options. Cyclone III device family supports numerous external memory interfaces and I/O protocols that are common in high-volume applications. The Quartus II software features and parameterizable IP cores make it easier for you to use the Cyclone III device family interfaces and protocols. The following sections provide an overview of the Cyclone III device family features. Logic Elements and Logic Array Blocks The logic array block (LAB) consists of 16 logic elements and a LAB-wide control block. An LE is the smallest unit of logic in the Cyclone III device family architecture. Each LE has four inputs, a four-input look-up table (LUT), a register, and output logic. The four-input LUT is a function generator that can implement any function with four variables. f For more information about LEs and LABs, refer to the Logic Elements and Logic Array Blocks in the Cyclone III Device Family chapter. Cyclone III LS EP3CLS70 — — — — — — C7, C8, I7 C7, C8, I7 C7, C8, I7 EP3CLS100 — — — — — — C7, C8, I7 C7, C8, I7 C7, C8, I7 EP3CLS150 — — — — — — C7, C8, I7 — C7, C8, I7 EP3CLS200 — — — — — — C7, C8, I7 — C7, C8, I7 Table 1–4. Cyclone III Device Family Speed Grades (Part 2 of 2) Family Device E144 M164 P240 F256 U256 F324 F484 U484 F780 Table 1–5. Cyclone III Device Family Configuration Schemes Configuration Scheme Cyclone III Cyclone III LS Active serial (AS) v v Active parallel (AP) v — Passive serial (PS) v v Fast passive parallel (FPP) v v Joint Test Action Group (JTAG) v v |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |