| Electronic Components Datasheet Search |
|
PLL2_C1 Datasheet(PDF) 124 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL2_C1 Datasheet(HTML) 124 Page - Altera Corporation |
|
124 / 274 page ![]() 7–2 Chapter 7: High-Speed Differential Interfaces in the Cyclone III Device Family High-Speed I/O Interface Cyclone III Device Handbook December 2011 Altera Corporation Volume 1 Figure 7–1 shows the I/O banks of the Cyclone III device family. Figure 7–1. Cyclone III Device Family I/O Banks Notes to Figure 7–1: (1) The PCI-X I/O standard does not meet the IV curve requirement at the linear region. (2) The RSDS, mini-LVDS, and PPDS I/O standards are only supported on output pins. These I/O standards are not supported on input pins. (3) The LVPECL I/O standard is only supported on dedicated clock input pins. This I/O standard is not supported on output pins. (4) The differential SSTL-2, SSTL-18, HSTL-18, HSTL-15, and HSTL-12 I/O standards are only supported on dedicated clock input pins and PLL output clock pins. PLL output clock pins do not support Class II interface type of differential SSTL-18, HSTL-18, HSTL-15, and HSTL-12 I/O standards. (5) BLVDS output uses two single-ended outputs with the second output programmed as inverted. BLVDS input uses LVDS input buffer. All I/O Banks Support: 3.3-V LVTTL/LVCMOS 3.0-V LVTTL/LVCMOS 2.5-V LVTTL/LVCMOS 1.8-V LVTTL/LVCMOS 1.5-V LVCMOS 1.2-V LVCMOS 3.0-V PCI/PCI-X (1) LVDS RSDS (2) BLVDS (5) mini-LVDS (2) PPDS (2) LVPECL (3) SSTL-2 Class I and II SSTL-18 Class I and II HSTL-18 Class I and II HSTL-15 Class I and II HSTL-12 Class I Differential SSTL-2 (4) Differential SSTL-18 (4) Differential HSTL-18 (4) DIfferential HSTL-15 (4) Differential HSTL-12 (4) I/O Bank 8 I/O Bank 7 I/O Bank 3 I/O Bank 4 I/O banks 7 and 8 also support the HSTL-12 Class II I/O standard I/O banks 3 and 4 also support the HSTL-12 Class II I/O standard |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |