Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PLL2_C2 Datasheet(PDF) 58 Page - Altera Corporation

Part # PLL2_C2
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C2 Datasheet(HTML) 58 Page - Altera Corporation

Back Button PLL2_C2 Datasheet HTML 54Page - Altera Corporation PLL2_C2 Datasheet HTML 55Page - Altera Corporation PLL2_C2 Datasheet HTML 56Page - Altera Corporation PLL2_C2 Datasheet HTML 57Page - Altera Corporation PLL2_C2 Datasheet HTML 58Page - Altera Corporation PLL2_C2 Datasheet HTML 59Page - Altera Corporation PLL2_C2 Datasheet HTML 60Page - Altera Corporation PLL2_C2 Datasheet HTML 61Page - Altera Corporation PLL2_C2 Datasheet HTML 62Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 274 page
background image
4–6
Chapter 4: Embedded Multipliers in the Cyclone III Device Family
Operational Modes
Cyclone III Device Handbook
December 2011
Altera Corporation
Volume 1
1 You can also use embedded multipliers of the Cyclone III device family to implement
multiplier adder and multiplier accumulator functions, in which the multiplier
portion of the function is implemented using embedded multipliers, and the adder or
accumulator function is implemented in logic elements (LEs).
18-Bit Multipliers
You can configure each embedded multiplier to support a single 18 × 18 multiplier for
input widths of 10 to 18 bits.
Figure 4–3 shows the embedded multiplier configured to support an 18-bit multiplier.
All 18-bit multiplier inputs and results are independently sent through registers. The
multiplier inputs can accept signed integers, unsigned integers, or a combination of
both. Also, you can dynamically change the signa and signb signals and send these
signals through dedicated input registers.
9-Bit Multipliers
You can configure each embedded multiplier to support two 9 × 9 independent
multipliers for input widths of up to 9 bits.
Figure 4–3. 18-Bit Multiplier Mode
CLRN
DQ
ENA
Data A [17..0]
Data B [17..0]
aclr
clock
ena
signa
signb
CLRN
DQ
ENA
CLRN
DQ
ENA
Data Out [35..0]
18
× 18 Multiplier
Embedded Multiplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com