| Electronic Components Datasheet Search |
|
PLL2_C2 Datasheet(PDF) 73 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL2_C2 Datasheet(HTML) 73 Page - Altera Corporation |
|
73 / 274 page ![]() Chapter 5: Clock Networks and PLLs in the Cyclone III Device Family 5–13 Clock Feedback Modes July 2012 Altera Corporation Cyclone III Device Handbook Volume 1 No Compensation Mode In no compensation mode, the PLL does not compensate for any clock networks. This provides better jitter performance because clock feedback into the PFD does not pass through as much circuitry. Both the PLL internal and external clock outputs are phase-shifted with respect to the PLL clock input. Figure 5–9 shows a waveform example of the phase relationship of the PLL clock in this mode. Normal Mode An internal clock in normal mode is phase-aligned to the input clock pin. The external clock output pin has a phase delay relative to the clock input pin if connected in this mode. The Quartus II software timing analyzer reports any phase difference between the two. In normal mode, the PLL fully compensates the delay introduced by the GCLK network. Figure 5–9. Phase Relationship Between PLL Clocks in No Compensation Mode Notes to Figure 5–9: (1) Internal clocks fed by the PLL are phase-aligned to each other. (2) The PLL clock outputs can lead or lag the PLL input clocks. PLL Reference Clock at the Input Pin PLL Clock at the Register Clock Port (1), (2) External PLL Clock Outputs (2) Phase Aligned |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |