Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PLL2_C2 Datasheet(PDF) 30 Page - Altera Corporation

Part # PLL2_C2
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C2 Datasheet(HTML) 30 Page - Altera Corporation

Back Button PLL2_C2 Datasheet HTML 26Page - Altera Corporation PLL2_C2 Datasheet HTML 27Page - Altera Corporation PLL2_C2 Datasheet HTML 28Page - Altera Corporation PLL2_C2 Datasheet HTML 29Page - Altera Corporation PLL2_C2 Datasheet HTML 30Page - Altera Corporation PLL2_C2 Datasheet HTML 31Page - Altera Corporation PLL2_C2 Datasheet HTML 32Page - Altera Corporation PLL2_C2 Datasheet HTML 33Page - Altera Corporation PLL2_C2 Datasheet HTML 34Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 274 page
background image
2–4
Chapter 2: Logic Elements and Logic Array Blocks in the Cyclone III Device Family
Logic Array Blocks
Cyclone III Device Handbook
December 2011
Altera Corporation
Volume 1
Arithmetic Mode
Arithmetic mode is ideal for implementing adders, counters, accumulators, and
comparators. An LE in arithmetic mode implements a 2-bit full adder and basic carry
chain (Figure 2–3). LEs in arithmetic mode can drive out registered and unregistered
versions of the LUT output. Register feedback and register packing are supported
when LEs are used in arithmetic mode.
Figure 2–3 shows LEs in arithmetic mode.
The Quartus II Compiler automatically creates carry chain logic during design
processing. You can also manually create the carry chain logic during design entry.
Parameterized functions, such as LPM functions, automatically take advantage of
carry chains for the appropriate functions.
The Quartus II Compiler creates carry chains longer than 16 LEs by automatically
linking LABs in the same column. For enhanced fitting, a long carry chain runs
vertically, which allows fast horizontal connections to M9K memory blocks or
embedded multipliers through direct link interconnects. For example, if a design has a
long carry chain in a LAB column next to a column of M9K memory blocks, any LE
output can feed an adjacent M9K memory block through the direct link interconnect.
If the carry chains run horizontally, any LAB which is not next to the column of M9K
memory blocks uses other row or column interconnects to drive a M9K memory
block. A carry chain continues as far as a full column.
Logic Array Blocks
Logic array blocks (LABs) contain groups of LEs.
Topology
Each LAB consists of the following features:
■
16 LEs
Figure 2–3. Cyclone III Device Family LEs in Arithmetic Mode
clock (LAB Wide)
ena (LAB Wide)
aclr (LAB Wide)
CLRN
D
Q
ENA
sclear
(LAB Wide)
sload
(LAB Wide)
Register
Chain Output
Row, Column, and
Direct link routing
Row, Column, and
Direct link routing
Local Routing
Register Feedback
Three-Input
LUT
Three-Input
LUT
cin (from cout
of previous LE)
data2
data1
cout
Register Bypass
data4
data3
Register Chain
Connection
Packed Register Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com