Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PLL2_C2 Datasheet(PDF) 93 Page - Altera Corporation

Part # PLL2_C2
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C2 Datasheet(HTML) 93 Page - Altera Corporation

Back Button PLL2_C2 Datasheet HTML 89Page - Altera Corporation PLL2_C2 Datasheet HTML 90Page - Altera Corporation PLL2_C2 Datasheet HTML 91Page - Altera Corporation PLL2_C2 Datasheet HTML 92Page - Altera Corporation PLL2_C2 Datasheet HTML 93Page - Altera Corporation PLL2_C2 Datasheet HTML 94Page - Altera Corporation PLL2_C2 Datasheet HTML 95Page - Altera Corporation PLL2_C2 Datasheet HTML 96Page - Altera Corporation PLL2_C2 Datasheet HTML 97Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 274 page
background image
Chapter 5: Clock Networks and PLLs in the Cyclone III Device Family
5–33
Spread-Spectrum Clocking
July 2012
Altera Corporation
Cyclone III Device Handbook
Volume 1
Figure 5–24 shows the dynamic phase shifting waveform.
The PHASESTEP signal is latched on the negative edge of SCANCLK (a,c) and must remain
asserted for at least two SCANCLK cycles. Deassert PHASESTEP after PHASEDONE goes low.
On the second SCANCLK rising edge (b,d) after PHASESTEP is latched, the values of
PHASEUPDOWN
and PHASECOUNTERSELECT are latched and the PLL starts dynamic
phase-shifting for the specified counters, and in the indicated direction. PHASEDONE is
deasserted synchronous to SCANCLK at the second rising edge (b,d) and remains low
until the PLL finishes dynamic phase-shifting. Depending on the VCO and SCANCLK
frequencies, PHASEDONE low time may be greater than or less than one SCANCLK cycle.
You can perform another dynamic phase-shift after the PHASEDONE signal goes from
low to high. Each PHASESTEP pulse enables one phase shift. PHASESTEP pulses must be
at least one SCANCLK cycle apart.
f For information about the ALTPLL_RECONFIG MegaWizard Plug-In Manager, refer
to the Phase-Locked Loop Reconfiguration (ALTPLL_RECONFIG) Megafunction user
guide.
Spread-Spectrum Clocking
The Cyclone III device family can accept a spread-spectrum input with typical
modulation frequencies. However, the device cannot automatically detect that the
input is a spread-spectrum signal. Instead, the input signal looks like deterministic
jitter at the input of the PLL. Cyclone III device family PLLs can track a
spread-spectrum input clock as long as it is in the input jitter tolerance specifications
and the modulation frequency of the input clock is below the PLL bandwidth, which
is specified in the fitter report. The Cyclone III device family cannot generate
spread-spectrum signals internally.
PLL Specifications
f For information about PLL specifications, refer to the Cyclone III Device Data Sheet and
Cyclone III LS Device Data Sheet chapters.
Figure 5–24. Timing Diagram for Dynamic Phase Shift
PHASEDONE goes low
synchronous with SCANCLK
SCANCLK
PHASESTEP
PHASEUPDOWN
PHASECOUNTERSELECT
PHASEDONE
a
b
c
d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com