| Electronic Components Datasheet Search |
|
PLL2_C2 Datasheet(PDF) 127 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL2_C2 Datasheet(HTML) 127 Page - Altera Corporation |
|
127 / 274 page ![]() Chapter 7: High-Speed Differential Interfaces in the Cyclone III Device Family 7–5 High-Speed I/O Interface December 2011 Altera Corporation Cyclone III Device Handbook Volume 1 Table 7–3 lists the numbers of differential channels that can be migrated in Cyclone III devices. Cyclone III LS Devices EP3CLS70 U484 101 8 4 113 F484 101 8 4 113 F780 169 8 4 181 EP3CLS100 U484 101 8 4 113 F484 101 8 4 113 F780 169 8 4 181 EP3CLS150 F484 75 8 4 87 F780 169 8 4 181 EP3CLS200 F484 75 8 4 87 F780 169 8 4 181 Notes to Table 7–2: (1) User I/O pins are used as inputs or outputs; clock input pins are used as inputs only; clock output pins are used as output only. (2) For differential pad placement guidelines, refer to the I/O Features in the Cyclone III Device Family chapter. Table 7–2. Cyclone III Device Family Differential Channels (Part 2 of 2) Cyclone III Device Family Device Package Number of Differential Channels (1), (2) User I/O Clock Input Clock Output Total Table 7–3. Cyclone III Devices Migratable Differential Channels (1) (Part 1 of 2) Package Type Migration Between Devices Migratable Channels User I/O CLK Total E144 EP3C5 and EP3C10 16 4 20 EP3C5 and EP3C16 5 4 9 EP3C5 and EP3C25 6 4 10 EP3C10 and EP3C16 5 4 9 EP3C10 and EP3C25 6 4 10 EP3C16 and EP3C25 5 8 13 M164 EP3C5 and EP3C10 22 4 26 EP3C5 and EP3C16 11 4 15 EP3C10 and EP3C16 19 4 14 Q240 EP3C16 and EP3C25 23 8 31 EP3C16 and EP3C40 11 8 19 EP3C25 and EP3C40 12 8 20 F256 EP3C5 and EP3C10 62 4 66 EP3C5 and EP3C16 39 4 43 EP3C5 and EP3C25 40 4 44 EP3C10 and EP3C16 39 4 43 EP3C10 and EP3C25 40 4 44 EP3C16 and EP3C25 33 8 41 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |