Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PLL2_C2 Datasheet(PDF) 257 Page - Altera Corporation

Part # PLL2_C2
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C2 Datasheet(HTML) 257 Page - Altera Corporation

Back Button PLL2_C2 Datasheet HTML 253Page - Altera Corporation PLL2_C2 Datasheet HTML 254Page - Altera Corporation PLL2_C2 Datasheet HTML 255Page - Altera Corporation PLL2_C2 Datasheet HTML 256Page - Altera Corporation PLL2_C2 Datasheet HTML 257Page - Altera Corporation PLL2_C2 Datasheet HTML 258Page - Altera Corporation PLL2_C2 Datasheet HTML 259Page - Altera Corporation PLL2_C2 Datasheet HTML 260Page - Altera Corporation PLL2_C2 Datasheet HTML 261Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 274 page
background image
Chapter 11: SEU Mitigation in the Cyclone III Device Family
11–5
Error Detection Timing
December 2011
Altera Corporation
Cyclone III Device Handbook
Volume 1
Figure 11–1 shows the block diagram of the error detection block and the two related
32-bit registers: the signature register and the storage register.
Table 11–4 lists the registers shown in Figure 11–1.
Error Detection Timing
When the error detection CRC feature is enabled through the Quartus II software, the
device automatically activates the CRC process upon entering user mode after
configuration and initialization is complete.
The CRC_ERROR pin is driven low until the error detection circuitry has detected a
corrupted bit in the previous CRC calculation. After the pin goes high, it remains high
during the next CRC calculation. This pin does not log the previous CRC calculation.
If the new CRC calculation does not contain any corrupted bits, the CRC_ERROR pin is
driven low. The error detection runs until the device is reset.
The error detection circuitry runs off an internal configuration oscillator with a divisor
that sets the maximum frequency.
Figure 11–1. Error Detection Block Diagram
Control Signals
Error Detection
State Machine
32-bit Storage
Register
Compute & Compare
CRC
32-bit Signature
Register
32
32
32
Table 11–4. Error Detection Registers
Register
Function
32-bit signature
register
This register contains the CRC signature. The signature register contains the result of the user
mode calculated CRC value compared against the pre-calculated CRC value. If no errors are
detected, the signature register is all zeros. A non-zero signature register indicates an error in the
configuration CRAM contents.
The CRC_ERROR signal is derived from the contents of this register.
32-bit storage register
This register is loaded with the 32-bit pre-computed CRC signature at the end of the configuration
stage. The signature is then loaded into the 32-bit CRC circuit (called the Compute and Compare
CRC block, as shown in Figure 11–1) during user mode to calculate the CRC error. This register
forms a 32-bit scan chain during execution of the CHANGE_EDREG JTAG instruction. The
CHANGE_EDREG
JTAG instruction can change the content of the storage register. Therefore, the
functionality of the error detection CRC circuitry is checked in-system by executing the instruction
to inject an error during the operation. The operation of the device is not halted when issuing the
CHANGE_EDREG
instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com