| Electronic Components Datasheet Search |
|
PLL2_C3 Datasheet(PDF) 48 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL2_C3 Datasheet(HTML) 48 Page - Altera Corporation |
|
48 / 274 page ![]() 3–14 Chapter 3: Memory Blocks in the Cyclone III Device Family Clocking Modes Cyclone III Device Handbook December 2011 Altera Corporation Volume 1 Clocking Modes Cyclone III device family M9K memory blocks support the following clocking modes: ■ Independent ■ Input or output ■ Read or write ■ Single-clock When using read or write clock mode, if you perform a simultaneous read or write to the same address location, the output read data is unknown. If you require the output data to be a known value, use either single-clock mode or I/O clock mode and choose the appropriate read-during-write behavior in the MegaWizard Plug-In Manager. 1 Violating the setup or hold time on the memory block input registers might corrupt the memory contents. This applies to both read and write operations. 1 Asynchronous clears are available on read address registers, output registers, and output latches only. Table 3–5 lists the clocking mode versus memory mode support matrix. Independent Clock Mode Cyclone III device family M9K memory blocks can implement independent clock mode for true dual-port memories. In this mode, a separate clock is available for each port (port A and port B). clock A controls all registers on the port A side, while clock B controls all registers on the port B side. Each port also supports independent clock enables for port A and B registers. I/O Clock Mode Cyclone III device family M9K memory blocks can implement input or output clock mode for FIFO, single-port, true, and simple dual-port memories. In this mode, an input clock controls all input registers to the memory block, including data, address, byteena , wren, and rden registers. An output clock controls the data-output registers. Each memory block port also supports independent clock enables for input and output registers. Table 3–5. Cyclone III Device Family Memory Clock Modes Clocking Mode True Dual-Port Mode Simple Dual-Port Mode Single-Port Mode ROM Mode FIFO Mode Independent v —— v — Input or output vv v v — Read or write — v —— v Single-clock vv v v v |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |