| Electronic Components Datasheet Search |
|
PLL2_C3 Datasheet(PDF) 28 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL2_C3 Datasheet(HTML) 28 Page - Altera Corporation |
|
28 / 274 page ![]() 2–2 Chapter 2: Logic Elements and Logic Array Blocks in the Cyclone III Device Family Logic Elements Cyclone III Device Handbook December 2011 Altera Corporation Volume 1 Figure 2–1 shows the LEs for the Cyclone III device family. LE Features You can configure the programmable register of each LE for D, T, JK, or SR flipflop operation. Each register has data, clock, clock enable, and clear inputs. Signals that use the global clock network, general-purpose I/O pins, or any internal logic can drive the clock and clear control signals of the register. Either general-purpose I/O pins or the internal logic can drive the clock enable. For combinational functions, the LUT output bypasses the register and drives directly to the LE outputs. Each LE has three outputs that drive the local, row, and column routing resources. The LUT or register output independently drives these three outputs. Two LE outputs drive the column or row and direct link routing connections, while one LE drives the local interconnect resources. This allows the LUT to drive one output while the register drives another output. This feature, called register packing, improves device utilization because the device can use the register and the LUT for unrelated functions. The LAB-wide synchronous load control signal is not available when using register packing. For more information on the synchronous load control signal, refer to “LAB Control Signals” on page 2–6. The register feedback mode allows the register output to feed back into the LUT of the same LE to ensure that the register is packed with its own fan-out LUT, providing another mechanism for improved fitting. The LE can also drive out registered and unregistered versions of the LUT output. Figure 2–1. Cyclone III Device Family LEs Row, Column, And Direct Link Routing data 1 data 2 data 3 data 4 labclr1 labclr2 Chip-Wide Reset (DEV_CLRn) labclk1 labclk2 labclkena1 labclkena2 LE Carry-In LAB-Wide Synchronous Load LAB-Wide Synchronous Clear Row, Column, And Direct Link Routing Local Routing Register Chain Output Register Bypass Programmable Register Register Chain Routing from previous LE LE Carry-Out Register Feedback Synchronous Load and Clear Logic Carry Chain Look-Up Table (LUT) Asynchronous Clear Logic Clock & Clock Enable Select D Q ENA CLRN |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |