| Electronic Components Datasheet Search |
|
PLL2_C3 Datasheet(PDF) 55 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL2_C3 Datasheet(HTML) 55 Page - Altera Corporation |
|
55 / 274 page ![]() Chapter 4: Embedded Multipliers in the Cyclone III Device Family 4–3 Architecture December 2011 Altera Corporation Cyclone III Device Handbook Volume 1 In addition to the embedded multipliers in the Cyclone III device family, you can implement soft multipliers by using the M9K memory blocks as look-up tables (LUTs). The LUTs contain partial results from the multiplication of input data with coefficients that implement variable depth and width high-performance soft multipliers for low-cost, high-volume DSP applications. The availability of soft multipliers increases the number of available multipliers in the device. Table 4–2 lists the total number of multipliers available in the Cyclone III device family using embedded multipliers and soft multipliers. f For more information about M9K memory blocks of the Cyclone III device family, refer to the Memory Blocks in the Cyclone III Device Family chapter. f For more information about soft multipliers, refer to the Implementing Multipliers in FPGA Devices application note. Architecture Each embedded multiplier consists of the following elements: ■ Multiplier stage ■ Input and output registers ■ Input and output interfaces Table 4–2. Number of Multipliers in the Cyclone III Device Family Device Family Device Embedded Multipliers Soft Multipliers (16 × 16) (1) Total Multipliers (2) Cyclone III EP3C5 23 — 23 EP3C10 23 46 69 EP3C16 56 56 112 EP3C25 66 66 132 EP3C40 126 126 252 EP3C55 156 260 416 EP3C80 244 305 549 EP3C120 288 432 720 Cyclone III LS EP3CLS70 200 333 533 EP3CLS100 276 483 759 EP3CLS150 320 666 986 EP3CLS200 396 891 1287 Notes to Table 4–2: (1) Soft multipliers are implemented in sum of multiplication mode. M9K memory blocks are configured with 18-bit data widths to support 16-bit coefficients. The sum of the coefficients requires 18-bits of resolution to account for overflow. (2) The total number of multipliers may vary, depending on the multiplier mode you use. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |