| Electronic Components Datasheet Search |
|
PLL2_C3 Datasheet(PDF) 100 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL2_C3 Datasheet(HTML) 100 Page - Altera Corporation |
|
100 / 274 page ![]() 6–2 Chapter 6: I/O Features in the Cyclone III Device Family I/O Element Features Cyclone III Device Handbook July 2012 Altera Corporation Volume 1 Figure 6–1 shows the Cyclone III device family IOE structure. I/O Element Features The Cyclone III device family IOE offers a range of programmable features for an I/O pin. These features increase the flexibility of I/O utilization and provide an alternative to reduce the usage of external discrete components to on-chip, such as a pull-up resistor and a diode. Programmable Current Strength The output buffer for each Cyclone III device family I/O pin has a programmable current strength control for certain I/O standards. The LVTTL, LVCMOS, SSTL-2 Class I and Class II, SSTL-18 Class I and Class II, HSTL-18 Class I and Class II, HSTL-15 Class I and Class II, and HSTL-12 Class I and Class II I/O standards have several levels of current strength that you can control. Figure 6–1. Cyclone III Device Family IOE in a Bidirectional I/O Configuration D Q ENA D Q ENA VCCIO VCCIO Optional PCI Clamp Programmable Pull-Up Resistor Bus Hold Input Pin to Input Register Delay or Input Pin to Logic Array Delay Output Pin Delay clkin oe_in data_in0 data_in1 sclr/ preset Chip-Wide Reset aclr/prn oe_out clkout OE OE Register Current Strength Control Open-Drain Out Column or Row Interconnect io_clk[5..0] Slew Rate Control ACLR /PRN ACLR /PRN Output Register D Q ENA ACLR /PRN Input Register |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |