Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PLL2_C3 Datasheet(PDF) 210 Page - Altera Corporation

Part # PLL2_C3
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C3 Datasheet(HTML) 210 Page - Altera Corporation

Back Button PLL2_C3 Datasheet HTML 206Page - Altera Corporation PLL2_C3 Datasheet HTML 207Page - Altera Corporation PLL2_C3 Datasheet HTML 208Page - Altera Corporation PLL2_C3 Datasheet HTML 209Page - Altera Corporation PLL2_C3 Datasheet HTML 210Page - Altera Corporation PLL2_C3 Datasheet HTML 211Page - Altera Corporation PLL2_C3 Datasheet HTML 212Page - Altera Corporation PLL2_C3 Datasheet HTML 213Page - Altera Corporation PLL2_C3 Datasheet HTML 214Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 274 page
background image
9–52
Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family
Configuration Features
Cyclone III Device Handbook
August 2012
Altera Corporation
Volume 1
Cyclone III device family has dedicated JTAG pins that function as JTAG pins. You
can perform JTAG testing on Cyclone III device family before, during, and after
configuration. Cyclone III device family supports the BYPASS, IDCODE, and SAMPLE
instructions during configuration without interrupting configuration. All other JTAG
instructions can only be issued by first interrupting configuration and
reprogramming I/O pins using the ACTIVE_DISENGAGE and CONFIG_IO instructions.
The CONFIG_IO instruction allows I/O buffers to be configured using the JTAG port
and when issued after the ACTIVE_DISENGAGE instruction interrupts configuration.
This instruction allows you to perform board-level testing prior to configuring the
Cyclone III device family or waiting for a configuration device to complete
configuration. Prior to issuing the CONFIG_IO instruction, you must issue the
ACTIVE_DISENGAGE
instruction. This is because in Cyclone III device family, the
CONFIG_IO
instruction does not hold nSTATUS low until reconfiguration, so you must
disengage the active configuration mode controller when active configuration is
interrupted. The ACTIVE_DISENGAGE instruction places the active configuration mode
controllers in an idle state prior to JTAG programming. Additionally, the
ACTIVE_ENGAGE
instruction allows you to re-engage a disengaged active configuration
mode controller.
1 You must follow a specific flow when executing the CONFIG_IO, ACTIVE_DISENGAGE,
and ACTIVE_ENGAGE JTAG instructions in Cyclone III device family. For more
information about the instruction flow, refer to “JTAG Instructions” on page 9–60.
The chip-wide reset (DEV_CLRn) and chip-wide output enable (DEV_OE) pins on
Cyclone III device family do not affect JTAG boundary-scan or programming
operations. Toggling these pins does not affect JTAG operations (other than the usual
boundary-scan operation).
When designing a board for JTAG configuration, consider the dedicated configuration
pins. Table 9–16 lists how these pins must be connected during JTAG configuration.
Table 9–16. Dedicated Configuration Pin Connections During JTAG Configuration
Signal
Description
nCE
On all Cyclone III device family in the chain, nCE must be driven low by connecting it to ground, pulling it
low using a resistor or driving it by some control circuitry. For devices that are also in multi-device AS, AP,
PS, or FPP configuration chains, the nCE pins must be connected to GND during JTAG configuration or
JTAG configured in the same order as the configuration chain.
nCEO
On all Cyclone III device family in the chain, nCEO is left floating or connected to the nCE of the next
device.
MSEL[3..0]
These pins must not be left floating. These pins support whichever non-JTAG configuration that is used in
production. If you only use JTAG configuration, tie these pins to GND.
nCONFIG
Driven high by connecting to the VCCIO supply of the bank in which the pin resides and pulling up using a
resistor or driven high by some control circuitry.
nSTATUS
Pull to the VCCIO supply of the bank in which the pin resides using a 10-k resistor. When configuring
multiple devices in the same JTAG chain, each nSTATUS pin must be pulled up to the VCCIO individually.
CONF_DONE
Pull to the VCCIO supply of the bank in which the pin resides using a 10-k resistor. When configuring
multiple devices in the same JTAG chain, each CONF_DONE pin must be pulled up to the VCCIO supply of
the bank in which the pin resides individually. CONF_DONE going high at the end of JTAG configuration
indicates successful configuration.
DCLK
Must not be left floating. Drive low or high, whichever is more convenient on your board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com