Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADE7752 Datasheet(PDF) 5 Page - Analog Devices

Part # ADE7752
Description  Polyphase Energy Metering IC with Pulse Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7752 Datasheet(HTML) 5 Page - Analog Devices

  ADE7752 Datasheet HTML 1Page - Analog Devices ADE7752 Datasheet HTML 2Page - Analog Devices ADE7752 Datasheet HTML 3Page - Analog Devices ADE7752 Datasheet HTML 4Page - Analog Devices ADE7752 Datasheet HTML 5Page - Analog Devices ADE7752 Datasheet HTML 6Page - Analog Devices ADE7752 Datasheet HTML 7Page - Analog Devices ADE7752 Datasheet HTML 8Page - Analog Devices ADE7752 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ADE7752/ADE7752A
Rev. C | Page 5 of 24
ABSOLUTE MAXIMUM RATINGS
T = 25°C, unless otherwise noted.
A
Table 3.
Parameter
Rating
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
V
to AGND
−0.3 V to +7 V
DD
V
to DGND
−0.3 V to +7 V
DD
Analog Input Voltage to AGND
VAP, VBP, VCP, VN, IAP, IAN, IBP, IBN,
ICP, and ICN
−6 V to +6 V
Reference Input Voltage to AGND
−0.3 V to V
+ 0.3 V
DD
Digital Input Voltage to DGND
−0.3 V to V
+ 0.3 V
DD
Digital Output Voltage to DGND
−0.3 V to V
+ 0.3 V
DD
Operating Temperature Range
−40°C to +85°C
Industrial
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
24-Lead SOIC, Power Dissipation
88 mW
θJA Thermal Impedance
250°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com