Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADE7752 Datasheet(PDF) 11 Page - Analog Devices

Part # ADE7752
Description  Polyphase Energy Metering IC with Pulse Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7752 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADE7752 Datasheet HTML 7Page - Analog Devices ADE7752 Datasheet HTML 8Page - Analog Devices ADE7752 Datasheet HTML 9Page - Analog Devices ADE7752 Datasheet HTML 10Page - Analog Devices ADE7752 Datasheet HTML 11Page - Analog Devices ADE7752 Datasheet HTML 12Page - Analog Devices ADE7752 Datasheet HTML 13Page - Analog Devices ADE7752 Datasheet HTML 14Page - Analog Devices ADE7752 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADE7752/ADE7752A
Rev. C | Page 11 of 24
TERMINOLOGY
Measurement Error
The error associated with the energy measurement made by the
ADE7752 is defined by the following formula:
ADC Offset Error
This refers to the dc offset associated with the analog inputs to
the ADCs. It means that with the analog inputs connected to
AGND, the ADCs still see an analog input signal offset.
However, because the HPF is always present, the offset is
removed from the current channel, and the power calculation is
not affected by this offset.
%
Energy
True
Energy
True
ADE
by
Registered
Energy
Error
Percentage
100
7752
×
=
Error Between Channels
The high-pass filter (HPF) in the current channel has a phase
lead response. To offset this phase response and equalize the
phase response between channels, a phase correction network is
also placed in the current channel. The phase correction net-
work ensures a phase match between the current channels and
voltage channels to within ±0.1° over a range of 45 Hz to 65 Hz
and ±0.2° over a range of 40 Hz to 1 kHz. See
Gain Error
The gain error of the ADE7752 is defined as the difference
between the measured output frequency (minus the offset) and
the ideal output frequency. The difference is expressed as a
percentage of the ideal frequency. The ideal frequency is
obtained from the ADE7752 transfer function. See the Transfer
Function
Figure 24 and
section.
Figure 26.
Power Supply Rejection (PSR)
This quantifies the ADE7752 measurement error as a
percentage of reading when the power supplies are varied.
For the ac PSR measurement, a reading at a nominal supply
(5 V) is taken. A 200 mV rms/100 Hz signal is then introduced
onto the supply and a second reading is obtained under the
same input signal levels. Any error introduced is expressed as a
percentage of reading. See definition for Measurement Error.
For the dc PSR measurement, a reading at nominal supplies
(5 V) is taken. The supply is then varied ±5% and a second
reading is obtained with the same input signal levels. Any error
introduced is again expressed as a percentage of reading.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com