Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADE7752 Datasheet(PDF) 7 Page - Analog Devices

Part # ADE7752
Description  Polyphase Energy Metering IC with Pulse Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7752 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADE7752 Datasheet HTML 3Page - Analog Devices ADE7752 Datasheet HTML 4Page - Analog Devices ADE7752 Datasheet HTML 5Page - Analog Devices ADE7752 Datasheet HTML 6Page - Analog Devices ADE7752 Datasheet HTML 7Page - Analog Devices ADE7752 Datasheet HTML 8Page - Analog Devices ADE7752 Datasheet HTML 9Page - Analog Devices ADE7752 Datasheet HTML 10Page - Analog Devices ADE7752 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ADE7752/ADE7752A
Rev. C | Page 7 of 24
Pin No.
Mnemonic
Description
19
CLKIN
Master Clock for ADCs and Digital Signal Processing. An external clock can be provided at this logic input.
Alternatively, a parallel resonant AT crystal can be connected across CLKIN and CLKOUT to provide a
clock source for the ADE7752. The clock frequency for specified operation is 10 MHz. Ceramic load
capacitors between 22 pF and 33 pF should be used with the gate oscillator circuit. Refer to the crystal
manufacturer’s data sheet for load capacitance requirements.
20
CLKOUT
A crystal can be connected across this pin and CLKIN as described previously to provide a clock source
for the ADE7752. The CLKOUT pin can drive one CMOS load when an external clock is supplied at CLKIN
or when a crystal is being used.
21, 22
S0, S1
These logic inputs are used to select one of four possible frequencies for the digital-to-frequency conver-
sion. This offers the designer greater flexibility when designing the energy meter. See the Selecting a
Frequency for an Energy Meter Application section.
24, 23
F1, F2
Low Frequency Logic Outputs. F1 and F2 supply average real power information. The logic outputs can
be used to drive electromechanical counters and two-phase stepper motors directly. See the Transfer
Function section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com