Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADE7752 Datasheet(PDF) 19 Page - Analog Devices

Part # ADE7752
Description  Polyphase Energy Metering IC with Pulse Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7752 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADE7752 Datasheet HTML 15Page - Analog Devices ADE7752 Datasheet HTML 16Page - Analog Devices ADE7752 Datasheet HTML 17Page - Analog Devices ADE7752 Datasheet HTML 18Page - Analog Devices ADE7752 Datasheet HTML 19Page - Analog Devices ADE7752 Datasheet HTML 20Page - Analog Devices ADE7752 Datasheet HTML 21Page - Analog Devices ADE7752 Datasheet HTML 22Page - Analog Devices ADE7752 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
ADE7752/ADE7752A
Rev. C | Page 19 of 24
MODE SELECTION OF THE SUM OF THE THREE
ACTIVE ENERGIES
The ADE7752 can be configured to execute the arithmetic sum
of the three active energies, Wh = WhϕA + WhϕB + WhϕC, or the
sum of the absolute value of these energies, Wh = |WhϕA| +
|WhϕB| + |WhϕC|. The selection between the two modes can be
made by setting the ABS pin. Logic high and logic low applied
on the ABS pin correspond to the arithmetic sum and the sum
of absolute values, respectively.
When the sum of the absolute values is selected, the active
energy from each phase is always counted positive in the total
active energy. It is particularly useful in 3-phase 4-wire installa-
tion where the sign of the active power should always be the
same. If the meter is misconnected to the power lines, (for
instance, if CT is connected in the wrong direction), the total
active energy recorded without this solution can be reduced by
two-thirds.
The sum of the absolute values assures that the active energy
recorded represents the actual active energy delivered. In this
mode, the reverse power pin still detects when negative power is
present on any of the three phase inputs.
POWER MEASUREMENT CONSIDERATIONS
Calculating and displaying power information always has some
associated ripple that depends on the integration period used in
the MCU to determine average power as well as the load. For
example, at light loads, the output frequency may be 10 Hz.
With an integration period of 2 seconds, only about 20 pulses
are counted. The possibility of missing one pulse always exists
since the ADE7752 output frequency is running asynchro-
nously to the MCU timer. This would result in a 1-in-20 or
5% error in the power measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com