Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

APA2011 Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APA2011
Description  2.8W Mono Class D Audio Power Amplifier with AGC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2011 Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APA2011 Datasheet HTML 3Page - Anpec Electronics Coropration APA2011 Datasheet HTML 4Page - Anpec Electronics Coropration APA2011 Datasheet HTML 5Page - Anpec Electronics Coropration APA2011 Datasheet HTML 6Page - Anpec Electronics Coropration APA2011 Datasheet HTML 7Page - Anpec Electronics Coropration APA2011 Datasheet HTML 8Page - Anpec Electronics Coropration APA2011 Datasheet HTML 9Page - Anpec Electronics Coropration APA2011 Datasheet HTML 10Page - Anpec Electronics Coropration APA2011 Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Aug., 2013
www.anpec.com.tw
7
APA2011/2011A
Typical Operating Characteristics (Cont.)
V
DD=2.4V
Output Power (W)
f
in=1kHz
R
in=75kΩ
R
L=8Ω
A
V=15dB
AUX-0025
AES-17(20kHz)
WLCSP1.5x1.5-9
V
DD=3.6V
V
DD=5V
V
DD=5.5V
V
DD=4.2V
THD+N vs. Output Power
0
2.8
1
2
0.01
10
0.1
1
R
THD+N vs. Frequency
V
DD=2.4V
C
i=0.1µF
R
in=75kΩ
R
L=8Ω
A
V=15dB
AUX-0025
AES-17(20kHz)
P
O=0.2W
P
O=0.1W
Frequency (Hz)
20
20k
100
1k
10k
0.01
10
0.1
1
THD+N vs. Frequency
V
DD=3.6V
C
i=0.1µF
R
in=75kΩ
R
L=8Ω
A
V=15dB
AUX-0025
AES-17(20kHz)
P
O=0.5W
P
O=0.3W
P
O=0.1W
Frequency (Hz)
20
20k
100
1k
10k
0.005
10
0.01
0.1
1
f
in=1kHz
R
in=75kΩ
R
L=4Ω
A
V=15dB
AUX-0025
AES-17(20kHz)
WLCSP1.5x1.5-9
V
DD=2.4V
V
DD=3.6V
V
DD=5V
V
DD=5.5V
V
DD=4.2V
THD+N vs. Output Power
Output Power (W)
0
4.5
1
2
3
4
0.01
10
0.1
1
P
O=1W
THD+N vs. Frequency
V
DD=5V
C
i=0.1µF
R
in=75kΩ
R
L=8Ω
A
V=15dB
AUX-0025
AES-17(20kHz)
P
O=0.5W
P
O=0.3W
Frequency (Hz)
20
20k
100
1k
10k
0.005
10
0.01
0.1
1
10
0 .01
0.1
1
0
5
1
3
4
2
Output Power (W)
THD+N vs. Output Power
fin=1kHz
Rin=75k
Ω
RL=3
Ω
AV=15dB
AUX-0025
AES-17(20kHz)
WLCSP1.5x1.5-9
VDD=5V
VDD=4.2V
VDD=3.6V
V
DD=2.4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com