Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

APA2011 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APA2011
Description  2.8W Mono Class D Audio Power Amplifier with AGC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2011 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APA2011 Datasheet HTML 1Page - Anpec Electronics Coropration APA2011 Datasheet HTML 2Page - Anpec Electronics Coropration APA2011 Datasheet HTML 3Page - Anpec Electronics Coropration APA2011 Datasheet HTML 4Page - Anpec Electronics Coropration APA2011 Datasheet HTML 5Page - Anpec Electronics Coropration APA2011 Datasheet HTML 6Page - Anpec Electronics Coropration APA2011 Datasheet HTML 7Page - Anpec Electronics Coropration APA2011 Datasheet HTML 8Page - Anpec Electronics Coropration APA2011 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Aug., 2013
www.anpec.com.tw
5
APA2011/2011A
Electrical Characteristics (Cont.)
V
DD=5V, GND=0V, AV=15dB, TA= 25
oC (unless otherwise noted)
APA2011/2011A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD=3.6V (CONT.)
S/N
Signal to Noise Ratio
With A-weighting Filter, PO=0.4W,
RL=8
Ω
79
85
-
PSRR
Power Supply Rejection Ratio
RL=8
Ω, f
in=217Hz,Vrr=0.2Vpp
-
-70
-60
dB
CMRR
Common Mode Rejection Ratio
fin=1kHz, RL=8
Ω, Vin=0.1Vpp
-
-60
-50
Attshutdown
Shutdown Attenuation
fin=1kHz, RL=8
Ω, V
in=1Vpp
-
-100
-90
VDD=2.4V
RL=4
Ω
-
0.45
-
THD+N=1%,
fin=1kHz
RL=8
Ω
-
0.3
-
RL=4
Ω
-
0.55
-
PO
Output Power
THD+N=10%,
fin=1kHz
RL=8
Ω
-
0.35
-
W
RL=4
Ω
PO=0.32W
-
0.2
0.5
THD+N
Total Harmonic Distortion Plus
Noise
fin=1kHz
RL=8
Ω
PO=0.2W
-
0.1
0.3
%
Vos
Output Offset Voltage
RL=8
Ω
-
-
20
mV
Vn
Noise Output Voltage
With A-weighting Filter, RL=8
Ω
-
110
220
µVrms
S/N
Signal to Noise Ratio
With A-weighting Filter, PO=0.2W,
RL=8
Ω
75
81
-
PSRR
Power Supply Rejection Ratio
RL=8
Ω, f
in=217Hz,Vrr=0.1Vpp
-
-65
-60
CMRR
Common Mode Rejection Ratio
fin=1kHz, RL=8
Ω, Vin=0.1Vpp
-
-60
-50
Attshutdown
Shutdown Attenuation
fin=1kHz, RL=8
Ω, V
in=1Vpp
-
-100
-90
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com