Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

APA2011 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APA2011
Description  2.8W Mono Class D Audio Power Amplifier with AGC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2011 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APA2011 Datasheet HTML 1Page - Anpec Electronics Coropration APA2011 Datasheet HTML 2Page - Anpec Electronics Coropration APA2011 Datasheet HTML 3Page - Anpec Electronics Coropration APA2011 Datasheet HTML 4Page - Anpec Electronics Coropration APA2011 Datasheet HTML 5Page - Anpec Electronics Coropration APA2011 Datasheet HTML 6Page - Anpec Electronics Coropration APA2011 Datasheet HTML 7Page - Anpec Electronics Coropration APA2011 Datasheet HTML 8Page - Anpec Electronics Coropration APA2011 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Aug., 2013
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
2.8W Mono Class D Audio Power Amplifier with AGC
APA2011/2011A
Features
General Description
Applications
• MobilPhones
• Handset
• PDAs
• Portable Multimedia Device
• Operating Voltage: 2.4V-5.5V
• High Efficiencyup to 90%
• SupplyCurrent
–I
DD=3mA at VDD=5V
–I
DD=2.5mA at VDD=3.6V
• Low Shutdown Current
– I
DD=1µA at VDD=5V
• Output Power
at 1% THD+N
– 1.3W, at V
DD=5V, RL=8Ω
– 0.6W, at V
DD=3.6V, RL=8Ω
– 2.0W, at V
DD=5V, RL=4Ω
– 1.0W, at V
DD=3.6V, RL=4Ω
at 10% THD+N
– 1.6W, at V
DD=5V, RL=8Ω
– 0.8W, at V
DD=3.6V, RL=8Ω
– 2.8W, at V
DD=5V, RL=4Ω (WLCSP-9)
– 2.4W, at V
DD=5V, RL=4Ω
– 1.2W, at V
DD=3.6V, RL=4Ω
• APA2011 Dynamic Range Control (DRC) Provide
Maximum 15dB Control (2:1 Compression Ratio)
• APA2011A Non-Clip Function can Provide Maxi-
mum 15dB Control (Gain Decreasing)
• Less External Components Required
• Fast Start-up Time (4ms)
• High PSRR: 70dB at 217Hz
• Thermal and Over-Current Protections
• Space Saving Packages
WLCSP1.5x1.5-9 Bump, TDFN3x3-8
• Lead Free and Green Devices Available
(RoHS Compliant)
Simplified Application Circuit
The APA2011/2011A is a mono, filter-free Class-D audio
amplifier available in WLCSP1.5x1.5-9 or TDFN3x3-8
package.
The default gains without the external input resistor is
27dB. Besides, the gain can be low down by external
input resistance. APA2011 provides an Dynamic-Range-
Control (DRC) function, and this function can low down
the dynamic range for large input signal. APA2011 can
provide maximun 15dB gain control. APA2011A can pro-
vide maximum 15dB gain decrease for non-clipping
function, and this function can avoid output signal clipping.
High PSRR and differential architecture provide increased
immunity to noise and RF rectification. In addition to these
features, a fast start-up time and small package size
make the APA2011/2011A an ideal choice for portable
devices.
The APA2011/2011A is capable of driving 1.6W at 5V or
0.8W at 3.6V into 8
Ω. It is also capable of driving 4Ω. The
APA2011/2011A is designed with a Class-D architecture
and operating with highly efficiency compared with Class-
AB amplifier. It’s suitable for power sensitive application,
such as battery-powered devices. The filter-free architec-
ture eliminates the output filter, reduces the external com-
ponent count, board area, and system costs, and simpli-
fies the design.
Moreover, the APA2011/2011A provides thermal and short
circuit protection.
APA2011/2011A
Audio Input
Signals
Audio
Speaker
INP
OUTP
INN
OUTN


Similar Part No. - APA2011

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2010B ANPEC-APA2010B Datasheet
542Kb / 19P
3W Mono Class-D Audio Power Amplifier
APA2010BHAI-TRG ANPEC-APA2010BHAI-TRG Datasheet
542Kb / 19P
3W Mono Class-D Audio Power Amplifier
APA2012 ANPEC-APA2012 Datasheet
344Kb / 19P
3W Mono Class-D Audio Power Amplifier
APA2012 ANPEC-APA2012 Datasheet
293Kb / 19P
3W Mono Class-D Audio Power Amplifier
APA2012HAI-TRG ANPEC-APA2012HAI-TRG Datasheet
344Kb / 19P
3W Mono Class-D Audio Power Amplifier
More results

Similar Description - APA2011

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_07 Datasheet
606Kb / 46P
2.8W filter-free mono class D audio power amplifier
10-Jan-2007
logo
Texas Instruments
TPA2018D1 TI-TPA2018D1 Datasheet
1Mb / 36P
3-W Mono Class-D Audio Amplifier with SmartGain AGC/DRC
TPA2029D1 TI1-TPA2029D1 Datasheet
656Kb / 17P
3-W Mono Class-D Audio Amplifier With SmartGain??AGC/DRC
logo
Eutech Microelectronics...
EUA6230 EUTECH-EUA6230 Datasheet
130Kb / 1P
2.4W, Mono Class G Audio Power Amplifier with AGC
logo
Anpec Electronics Corop...
APA2600 ANPEC-APA2600 Datasheet
490Kb / 22P
2.8W Stereo Class-D Audio Power Amplifier
APA2605 ANPEC-APA2605 Datasheet
614Kb / 30P
2.8W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
LM48511 TI1-LM48511 Datasheet
997Kb / 28P
Mono, Class D Audio Power Amplifier
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
Mono Class-D Audio Amplifier
logo
Integrated Silicon Solu...
IS31AP2010F ISSI-IS31AP2010F Datasheet
324Kb / 13P
2.8W@5.0V MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2045 EUTECH-EUA2045 Datasheet
1Mb / 1P
Non-Clip, Low EMI, 2.8W Mono Filterless Class-D Audio Power Amplifier with Auto-Recovery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com