Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

APA2011 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APA2011
Description  2.8W Mono Class D Audio Power Amplifier with AGC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2011 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APA2011 Datasheet HTML 1Page - Anpec Electronics Coropration APA2011 Datasheet HTML 2Page - Anpec Electronics Coropration APA2011 Datasheet HTML 3Page - Anpec Electronics Coropration APA2011 Datasheet HTML 4Page - Anpec Electronics Coropration APA2011 Datasheet HTML 5Page - Anpec Electronics Coropration APA2011 Datasheet HTML 6Page - Anpec Electronics Coropration APA2011 Datasheet HTML 7Page - Anpec Electronics Coropration APA2011 Datasheet HTML 8Page - Anpec Electronics Coropration APA2011 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Aug., 2013
www.anpec.com.tw
3
APA2011/2011A
Symbol
Parameter
Rating
Unit
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
oC
PD
Power Dissipation
Internally Limited
W
Note1: Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under
"recommended operating conditions" is not implied. Exposure to absolute maximum rating conditions for extended periods
may affect device reliability.
Thermal Characteristics
Symbol
Parameter
Typical Value
Unit
θ
JA
Thermal Resistance -Junction to Ambient
(Note 2)
WLCSP1.5x1.5-9
TDFN3x3-8
165
50
οC/W
θ
JC
Thermal Resistance -Junction to Case
(Note 3)
TDFN3x3-8
10
οC/W
Note 2: Please refer to “ Layout Recommendation”, the Thermal Pad on the bottom of the IC should soldered directly to the PCB’s
Thermal Pad area that with several thermal vias connect to the ground plan, and the PCB is a 2-layer, 5-inch square area with 2oz
copper thickness.
Note 3: The case temperature is measured at the center of the exposed pad on the underside of the TDFN3x3-8 package.
Recommended Operating Conditions
Range
Symbol
Parameter
Min.
Max.
Unit
VDD
Supply Voltage
2.4
5.5
VIH
High Level Threshold Voltage
SD
1
-
VIL
Low Level Threshold Voltage
SD
-
0.4
VIC
Common Mode Input Voltage
-
VDD-1
V
TA
Ambient Temperature Range
-40
85
TJ
Junction Temperature Range
-40
125
οC
RL
Speaker Resistance
2.8
-
Electrical Characteristics
APA2011/2011A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IDD
Supply Current
-
3
6
mA
ISD
Shutdown Current
SD = 0V
-
1
5
II
Input Current
SD
-
0.1
1
µA
FOSC
Oscillator Frequency
400
500
600
kHz
twake-up
Recovery Time from Shutdown
-
4
8
ms
Ri
Input Resistor
INN, INP
23.75
25
26.25
RDR
DR Pin Pull-high Resistor
9.5
10
10.5
k
RDS(ON)
Static Drain-Source On-State
Resistance
(PMOSFET+NMOSFET)
VDD=5V, IL=0.8A
WLCSP1.5x1.5-9
-
780
-
m
V
DD=5V, GND=0V, AV=15dB, TA=25
oC (unless otherwise noted)
Absolute Maximum Ratings (Cont.) (Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com