Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP2005 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2005
Description  800mA High PSRR, ULDO Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2005 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2005 Datasheet HTML 1Page - Monolithic Power Systems MP2005 Datasheet HTML 2Page - Monolithic Power Systems MP2005 Datasheet HTML 3Page - Monolithic Power Systems MP2005 Datasheet HTML 4Page - Monolithic Power Systems MP2005 Datasheet HTML 5Page - Monolithic Power Systems MP2005 Datasheet HTML 6Page - Monolithic Power Systems MP2005 Datasheet HTML 7Page - Monolithic Power Systems MP2005 Datasheet HTML 8Page - Monolithic Power Systems MP2005 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MP2005 – 800mA, HIGH PSRR,ULDO LINEAR REGULATOR
MP2005 Rev. 0.92
www.MonolithicPower.com
4
5/5/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
C1=C3=2.2uF, C2=4.7uF, VEN=VBIAS=3.6V, TA=25ºC, unless otherwise noted
0
1.000
1.001
1.002
1.003
1.004
1.005
200
400
800
1000
600
0
200
400
800
1000
600
0
200
400
800
1000
600
LOAD CURRENT (mA)
LOAD CURRENT (mA)
LOAD CURRENT (mA)
Load Regulation
Load Regulation
Load Regulation
3.0
4.2
3.6
3.20
3.25
3.30
3.35
3.40
5.4
4.8
6.0
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
Line Regulation
Line Regulation
Line Regulation
PSRR vs. VIN
0
0
20
40
60
80
100
120
800
200
1000
400
600
0.1
1000
1
10000
10
100
1.0
2.0
1.000
1.002
1.004
1.006
1.008
1.010
2.45
2.47
2.49
2.51
2.53
2.55
3.0
4.0
5.0
6.0
-10
0
10
20
30
40
50
60
70
80
90
2.1
2.2
2.3
2.4
2.6
2.5
2.0
2.8
3.6
4.4
5.2
6.0
1.2
0
10
20
30
50
40
1.4 1.6 1.8 2.0 2.2 2.4 2.6
LOAD CURRENT (mA)
FREQUENCY (KHz)
INPUT VOLTAGE (V)
Voltage Dropout
PSRR vs.
Frequency
VIN=2.5V
VBIAS=4.5V
VIN=1.5 V
VOUT=1.2V
IOUT=0.1A
VIN=1.5 V
VOUT=1.2V
IOUT=0.1A
f=1MHz
VBIAS=3.5V
IOUT=50mA
IOUT=100mA
VBIAS=4.5V
IOUT=100mA
IOUT=100mA
VBIAS=5V
3.28
3.29
3.30
3.31
3.33
3.32
VBIAS=3.5 V
VIN=3V
VIN=2.5V
VBIAS=4.5 V
VIN=1.5V
VIN=3.6V
VBIAS=5 V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com