Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP2005 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2005
Description  800mA High PSRR, ULDO Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2005 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2005 Datasheet HTML 1Page - Monolithic Power Systems MP2005 Datasheet HTML 2Page - Monolithic Power Systems MP2005 Datasheet HTML 3Page - Monolithic Power Systems MP2005 Datasheet HTML 4Page - Monolithic Power Systems MP2005 Datasheet HTML 5Page - Monolithic Power Systems MP2005 Datasheet HTML 6Page - Monolithic Power Systems MP2005 Datasheet HTML 7Page - Monolithic Power Systems MP2005 Datasheet HTML 8Page - Monolithic Power Systems MP2005 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MP2005 – 800mA, HIGH PSRR,ULDO LINEAR REGULATOR
MP2005 Rev. 0.92
www.MonolithicPower.com
5
5/5/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
C1=C3=2.2uF, C2=4.7uF, VEN=VBIAS=3.6V, TA=25ºC, unless otherwise noted
-40
20
24
28
32
36
40
500
501
502
503
504
505
1.200
1.202
1.204
1.206
1.208
1.210
60
-15
85
10
35
-40
60
-15
85
10
35
-40
60
-15
85
10
35
Dropout Voltage
vs. Temperature
Feedback Voltage
vs. Temperature
Output Voltage
vs. Temperature
VOUT=1.2V
IOUT=0.3A
VOUT=1.2V
VIN=1.5V
IOUT=0.3A
VIN=1.0V
IOUT=1mA
10
100
1000
10000 100000
200
0
400
600
800
1000
1200
FREQUENCY (Hz)
Output Noise
vs. Frequency
VOUT=3.3V
VIN=VBIAS=5.4V
IOUT=10mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com