Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP2005 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2005
Description  800mA High PSRR, ULDO Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2005 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2005 Datasheet HTML 1Page - Monolithic Power Systems MP2005 Datasheet HTML 2Page - Monolithic Power Systems MP2005 Datasheet HTML 3Page - Monolithic Power Systems MP2005 Datasheet HTML 4Page - Monolithic Power Systems MP2005 Datasheet HTML 5Page - Monolithic Power Systems MP2005 Datasheet HTML 6Page - Monolithic Power Systems MP2005 Datasheet HTML 7Page - Monolithic Power Systems MP2005 Datasheet HTML 8Page - Monolithic Power Systems MP2005 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MP2005
800mA High PSRR, ULDO
Linear Regulator
MP2005 Rev. 0.92
www.MonolithicPower.com
1
5/5/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2005 is a micropower, ultra low-dropout
LDO linear regulator. It has a 1.0V to 5.5V input
voltage range and can regulate the output
voltage from as low as 0.5V. The MP2005 can
supply up to 800mA of load current with a
typical dropout voltage of 90mV. It requires a
bias supply (2.7V to 5.5V) separate from VIN to
run the internal reference and LDO drive
circuitry. The output current comes directly from
the input voltage supply for high efficiency
regulation. The 0.5V internal reference voltage
allows the output to be programmed to a wide
range of voltages (0.5V to 4V).
A low bias current of 100µA makes the MP2005
ideal for use in battery-powered applications.
The bias supply VBIAS can be directly applied
from the battery while VIN is powered from the
high
efficiency
buck
regulator
(or
other
secondary supply). This reduces output noise
and the size of the decoupling capacitor.
Other features of MP2005 include thermal
overload and current limit protection, stability
with ultra low ESR ceramic capacitors as low as
1μF, and fast transient response. The MP2005
is available in a 8-pin QFN (2mm x 3mm)
package.
FEATURES
• Wide 1.0V to 5.5V Input Voltage Range
• Stable with 1μF Ceramic Capacitor
• Ultra-Low Dropout (ULDO) voltage: 90mV@800mA
• 2% Accurate Output Voltage
• Adjustable Output Range of 0.5V to 4V
• High PSRR
o
65dB at 1KHz
o
48dB at 1MHz
• Better Than 0.0005%/mA Load Regulation
• Stable With Low-ESR Output Capacitors
• Low 100μA Ground Current
• Internal Thermal Protection
• Current Limit Protection
• 1µA Typical Quiescent Current at Shutdown
APPLICATIONS
• Low Current Regulators
• Low Power Handheld Devices
• Battery Powered Systems
• Cellular Phones
• Portable Electronic Equipment
• Post Regulation for Switching Power
Supplies
• Power Supplies
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP2005

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2005 MPS-MP2005 Datasheet
158Kb / 4P
800mA Low-Current LDO Linear Regulator EV Board
MP2005 MPS-MP2005 Datasheet
443Kb / 4P
500mA Low-Current LDO Linear Regulator EV Board
MP20051 MPS-MP20051 Datasheet
328Kb / 12P
Low Noise, High PSRR, 1A Linear Regulator
MP20051DN MPS-MP20051DN Datasheet
328Kb / 12P
Low Noise, High PSRR, 1A Linear Regulator
MP20051DN MPS-MP20051DN Datasheet
181Kb / 4P
Low Noise, High PSRR, 1A Linear Regulator EV Board
More results

Similar Description - MP2005

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6932 STMICROELECTRONICS-L6932 Datasheet
355Kb / 10P
HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Feb-2003
L6932 STMICROELECTRONICS-L6932_05 Datasheet
353Kb / 11P
HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Dec-2005
L6932H12 STMICROELECTRONICS-L6932H12 Datasheet
259Kb / 13P
High performance 2A ULDO linear regulator
07-May-2007
logo
ACE Technology Co., LTD...
ACE525 ACE-ACE525 Datasheet
540Kb / 11P
300mA High PSRR, Linear Regulator
VER 1.3
logo
Micrel Semiconductor
MIC47053 MICREL-MIC47053 Datasheet
596Kb / 14P
500mA Micropower ULDO??Linear Regulator
logo
ACE Technology Co., LTD...
ACE555 ACE-ACE555_15 Datasheet
498Kb / 10P
300mA High PSRR, Linear Regulator
VER 1.1
logo
ON Semiconductor
NCP785A ONSEMI-NCP785A_16 Datasheet
109Kb / 10P
High PSRR Linear Regulator
December, 2014 ??Rev. 2
logo
Analog Devices
ADP7156 AD-ADP7156 Datasheet
840Kb / 23P
High PSRR, RF Linear Regulator
REV. A
logo
Shenzhen Huazhimei Semi...
HM5633B HMSEMI-HM5633B Datasheet
2Mb / 10P
High PSRR linear regulator
logo
AiT Semiconductor Inc.
A6306 AITSEMI-A6306 Datasheet
487Kb / 10P
REGULATOR 300mA HIGH PSRR, LINEAR REGULATOR
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com