Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UTG11823P Datasheet(PDF) 98 Page - FCI connector

Part # UTG11823P
Description  wide range in current capability
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

UTG11823P Datasheet(HTML) 98 Page - FCI connector

Back Button UTG11823P Datasheet HTML 93Page - FCI connector UTG11823P Datasheet HTML 94Page - FCI connector UTG11823P Datasheet HTML 95Page - FCI connector UTG11823P Datasheet HTML 96Page - FCI connector UTG11823P Datasheet HTML 97Page - FCI connector UTG11823P Datasheet HTML 98Page - FCI connector UTG11823P Datasheet HTML 99Page - FCI connector UTG11823P Datasheet HTML 100Page - FCI connector UTG11823P Datasheet HTML 101Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 98 / 101 page
background image
Specials - TRIM TRIO
100
TRIM TRIO
Special connectors :
• Mixed power / signal
• VDE versions
• Boardmount versions
• Drawer connectors
• High temperatures
• Special applications
• Customised connectors
Description
Special connectors are connectors to meet
application-specific requirements.
Based upon design-in projects, this range of special
connectors is an extension of the long established and
popular TRIM TRIO connector series shown in this
catalog, but with the advantage of offering a number
of additional features.
Features and benefits
• TRIM TRIO connectors suitable for mixed power /
signal application.
• TRIM TRIO connectors with preloaded stamped and
formed contacts for boardmount application
• TRIM TRIO connectors for drawer applications and
high temperature.
• Design-in flexibility of TRIM TRIO
The next page lists some of the Special TRIM TRIO connector configurations.
It is intended to give you a general idea of our design capabilities.
As the creation of Special TRIM TRIO connectors is an ongoing process, we advise you to contact our
nearest FCI sales office if you have specific connector needs.
Our design flexibility is virtually unlimited, so we are always willing to consider any customised design.
Separate data sheets with more detailed technical info of the listed TRIM TRIO Specials are available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com