Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UTG11823P Datasheet(PDF) 91 Page - FCI connector

Part # UTG11823P
Description  wide range in current capability
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

UTG11823P Datasheet(HTML) 91 Page - FCI connector

Back Button UTG11823P Datasheet HTML 87Page - FCI connector UTG11823P Datasheet HTML 88Page - FCI connector UTG11823P Datasheet HTML 89Page - FCI connector UTG11823P Datasheet HTML 90Page - FCI connector UTG11823P Datasheet HTML 91Page - FCI connector UTG11823P Datasheet HTML 92Page - FCI connector UTG11823P Datasheet HTML 93Page - FCI connector UTG11823P Datasheet HTML 94Page - FCI connector UTG11823P Datasheet HTML 95Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 101 page
background image
Accessories
93
Discrimination keys for
TRIM TRIO connectors
Description
In applications where similar connectors are
used next to each other, mismatching can
be a reason for disturbances, system failure
or even danger to operating personnel.
To eliminate mismatching, all TRIM TRIO
connectors can be equipped with
discrimination keys, which offer unlimited
possibilities for a “fool - proof”
interconnection system.
When one of these discrimination keys is
used, the TRIM TRIO connector will only
mate with a connector which has a vacant
contact or discrimination cavity at the
corresponding position.
This system offers boundless opportunities
for all applications which involve several
identical TRIM TRIO connectors.
The material used is polyamide 6.6
SMSPKE0
A dummy contact, which can be inserted into an empty contact cavity in any of the TRIM TRIO connectors.
SMSPKB2
A tube, which can be fitted over a preassembled male contact in all TRIM TRIO male boardmount connectors MSO, SMS, MSG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com