Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UTG11823P Datasheet(PDF) 65 Page - FCI connector

Part # UTG11823P
Description  wide range in current capability
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

UTG11823P Datasheet(HTML) 65 Page - FCI connector

Back Button UTG11823P Datasheet HTML 61Page - FCI connector UTG11823P Datasheet HTML 62Page - FCI connector UTG11823P Datasheet HTML 63Page - FCI connector UTG11823P Datasheet HTML 64Page - FCI connector UTG11823P Datasheet HTML 65Page - FCI connector UTG11823P Datasheet HTML 66Page - FCI connector UTG11823P Datasheet HTML 67Page - FCI connector UTG11823P Datasheet HTML 68Page - FCI connector UTG11823P Datasheet HTML 69Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 101 page
background image
SMS - Qikmate
67
Cable receptacle with integrated strain relief hood ( SMS--RDH1 )
Part number
Number of
Number of
A
B
C
D
H
Cable
Recommended
contact pos. disrimination
range
unirap
pos.
cable te
SMS2RDH1
2
0
31.6
64.8
11.1
0.5 - 8.4
SMS3RDH1
3
0
35.1
9.9
69.0
16.2
49..2
0.8 - 7.3
TF4D
SMS4RDH1
4
0
38.2
74.4
21.2
1.5 - 10.0
SMS6RDH1
6
2
34.6
15.0
72.6
50.9
1.7 - 9.2
SMS9RDH1
9
4
35.8
20.0
75.3
52.2
3.9 - 14.3
SMS12RDH1
12
6
38.1
25.1
72.0
16.2
52.7
4.0 - 15.0
SMS15RDH1
15
8
35.9
30.2
81.3
55.2
5.0 - 16.2
TF5D
SMS18RDH1
18
10
36.1
35.3
5.8 - 20.3
SMS24RDH1
24
15
39.7
90.4
21.2
57.2
7.1 - 20.4
SMS36RDH1
36
24
54.6
25.1
128.0
46.6
63.3
8.8 - 24.5
Cable plug with integrated strain relief hood ( SMS--PDH1 )
Part number
Number of
Number of
A
B
C
D
H
Cable
Recommended
contact pos. disrimination
range
unirap
pos.
cable te
SMS2PDH1
2
0
39.5
64.8
14.1
0.5 - 8.4
SMS3PDH1
3
0
43.0
16.4
69.0
18.6
57.1
0.8 - 7.3
TF4D
SMS4PDH1
4
0
46.1
74.4
23.7
1.5 - 10.0
SMS6PDH1
6
2
42.5
21.5
72.6
58.8
1.7 - 9.2
SMS9PDH1
9
4
43.7
26.7
75.3
60.1
3.9 - 14.3
SMS12PDH1
12
6
46.0
31.7
72.0
18.6
60.6
4.0 - 15.0
SMS15PDH1
15
8
43.8
36.7
81.3
63.1
5.0 - 16.2
TF5D
SMS18PDH1
18
10
44.0
41.8
5.8 - 20.3
SMS24PDH1
24
15
47.6
90.4
23.7
65.1
7.1 - 20.4
SMS36PDH1
36
24
62.5
31.7
128.0
49.1
71.2
8.8 - 24.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com