Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UTG11823P Datasheet(PDF) 20 Page - FCI connector

Part # UTG11823P
Description  wide range in current capability
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

UTG11823P Datasheet(HTML) 20 Page - FCI connector

Back Button UTG11823P Datasheet HTML 16Page - FCI connector UTG11823P Datasheet HTML 17Page - FCI connector UTG11823P Datasheet HTML 18Page - FCI connector UTG11823P Datasheet HTML 19Page - FCI connector UTG11823P Datasheet HTML 20Page - FCI connector UTG11823P Datasheet HTML 21Page - FCI connector UTG11823P Datasheet HTML 22Page - FCI connector UTG11823P Datasheet HTML 23Page - FCI connector UTG11823P Datasheet HTML 24Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 101 page
background image
UTGS - Shielded Bantam
22
Shielded cable plug for pin contacts (UTGS6PG- - - -PN)
Part number
Shell
A
B
C
D
Ø E
F
Max
size
±0.2
Max.
±0.15
±0.15
cable Ø
UTGS6PG104PN / UTGS6PG103PNVDE
10
70/74.1
52.2/56.3
12.2
21.6
11.0
UTGS6PG128PN
12
74
53.2
15.1
24.8
13.5
UTGS6PG1412PN
14
81
58.2
31.8
18.3
28.0
14.5
UTGS6PG1619PN
16
84
61.2
19.1
21.5
31.2
16.5
UTGS6PG1823PN / UTGS6PG187PNVDEU
18
88/94.4
65.2/71.6
31.8/33.0
24.0
34.3
16.5
UTGS6PG2028PN / UTGS6PG2020PN
20
101
70.9
31.8/35.3
27.2
37.5
22.0
UTGS6PG2235PN
22
107
76.9
31.8
30.4
40.7
22.0
UTGS6PG2448PN
24
120
81.9
33.5
43.9
29.5
- For ass’y procedure see shielded connectors section
Shielded cable plug for socket contacts (UTGS6PG- - - -SN)
Part number
Shell
A
B
C
D
Ø E
F
Max
size
±0.2
Max.
±0.15
±0.15
cable Ø
UTGS6PG104SN / UTGS6PG103SNVDE
10
70/74.1
52.2/56.3
23.9/26.8
12.2
21.6
11.0
UTGS6PG128SN
12
74
53.2
15.1
24.8
13.5
UTGS6PG1412SN
14
81
58.2
23.9
18.3
28.0
14.5
UTGS6PG1619SN
16
84
61.2
19.1
21.5
31.2
16.5
UTGS6PG1823SN / UTGS6PG187SNVDEU
18
88/94.4
65.2/71.6
23.9/29.0
24.0
34.3
16.5
UTGS6PG2028SN / UTGS6PG2020SN
20
101
70.9
24.9
27.2
37.5
22.0
UTGS6PG2235SN
22
107
76.9
30.4
40.7
22.0
UTGS6PG2448SN
24
120
81.9
26.2
33.5
43.9
29.5
- For ass’y procedure see shielded connectors section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com