Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CD74ACT573M Datasheet(PDF) 4 Page - NXP Semiconductors

Part # CD74ACT573M
Description  Dual Zener diodes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CD74ACT573M Datasheet(HTML) 4 Page - NXP Semiconductors

  CD74ACT573M Datasheet HTML 1Page - NXP Semiconductors CD74ACT573M Datasheet HTML 2Page - NXP Semiconductors CD74ACT573M Datasheet HTML 3Page - NXP Semiconductors CD74ACT573M Datasheet HTML 4Page - NXP Semiconductors CD74ACT573M Datasheet HTML 5Page - NXP Semiconductors CD74ACT573M Datasheet HTML 6Page - NXP Semiconductors CD74ACT573M Datasheet HTML 7Page - NXP Semiconductors CD74ACT573M Datasheet HTML 8Page - NXP Semiconductors CD74ACT573M Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
BZB84_SER_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 9 June 2009
4 of 14
NXP Semiconductors
BZB84 series
Dual Zener diodes
[1]
tp = 100 µs; square wave; Tj =25 °C prior to surge
[2]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Soldering points at pins 1 and 2.
7.
Characteristics
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
Per device
Ptot
total power dissipation
Tamb ≤ 25 °C
[2] -
300
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−55
+150
°C
Tstg
storage temperature
−65
+150
°C
Table 5.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per device; single diode loaded
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1] -
-
417
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
[2] -
-
100
K/W
Table 7.
Characteristics
Tj =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VF
forward voltage
IF =10mA
[1] -
-
0.9
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com