Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CD74ACT573M Datasheet(PDF) 10 Page - NXP Semiconductors

Part # CD74ACT573M
Description  Dual Zener diodes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CD74ACT573M Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button CD74ACT573M Datasheet HTML 6Page - NXP Semiconductors CD74ACT573M Datasheet HTML 7Page - NXP Semiconductors CD74ACT573M Datasheet HTML 8Page - NXP Semiconductors CD74ACT573M Datasheet HTML 9Page - NXP Semiconductors CD74ACT573M Datasheet HTML 10Page - NXP Semiconductors CD74ACT573M Datasheet HTML 11Page - NXP Semiconductors CD74ACT573M Datasheet HTML 12Page - NXP Semiconductors CD74ACT573M Datasheet HTML 13Page - NXP Semiconductors CD74ACT573M Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
BZB84_SER_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 9 June 2009
10 of 14
NXP Semiconductors
BZB84 series
Dual Zener diodes
8.
Test information
8.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard
Q101 - Stress test qualification for discrete semiconductors, and is
suitable for use in automotive applications.
9.
Package outline
10. Packing information
[1]
For further information and the availability of packing methods, see Section 14.
[2]
The series consists of 74 types with nominal working voltages from 2.4 V to 75 V.
Fig 7.
Package outline SOT23 (TO-236AB)
04-11-04
Dimensions in mm
0.45
0.15
1.9
1.1
0.9
3.0
2.8
2.5
2.1
1.4
1.2
0.48
0.38
0.15
0.09
12
3
Table 12.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
10000
BZB84-B2V4 to
BZB84-C75[2]
SOT23
4 mm pitch, 8 mm tape and reel
-215
-235



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com