Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CD74ACT573M Datasheet(PDF) 1 Page - NXP Semiconductors

Part # CD74ACT573M
Description  Dual Zener diodes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CD74ACT573M Datasheet(HTML) 1 Page - NXP Semiconductors

  CD74ACT573M Datasheet HTML 1Page - NXP Semiconductors CD74ACT573M Datasheet HTML 2Page - NXP Semiconductors CD74ACT573M Datasheet HTML 3Page - NXP Semiconductors CD74ACT573M Datasheet HTML 4Page - NXP Semiconductors CD74ACT573M Datasheet HTML 5Page - NXP Semiconductors CD74ACT573M Datasheet HTML 6Page - NXP Semiconductors CD74ACT573M Datasheet HTML 7Page - NXP Semiconductors CD74ACT573M Datasheet HTML 8Page - NXP Semiconductors CD74ACT573M Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1.
Product profile
1.1 General description
General-purpose Zener diodes in a SOT23 (TO-236AB) small Surface-Mounted
Device (SMD) plastic package.
1.2 Features
1.3 Applications
I General regulation functions
1.4 Quick reference data
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
[2]
tp = 100 µs; square wave; Tj =25 °C prior to surge
BZB84 series
Dual Zener diodes
Rev. 03 — 9 June 2009
Product data sheet
I Non-repetitive peak reverse power
dissipation:
≤ 40 W
I Small plastic package suitable for
surface-mounted design
I Total power dissipation: ≤ 300 mW
I Dual common anode configuration
I Two tolerance series:
B=
±2%andC= ±5%
I AEC-Q101 qualified
I Wide working voltage range:
nominal 2.4 V to 75 V (E24 range)
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VF
forward voltage
IF =10mA
[1] -
-
0.9
V
PZSM
non-repetitive peak reverse
power dissipation
[2] --40
W


Similar Part No. - CD74ACT573M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74ACT573M TI1-CD74ACT573M Datasheet
979Kb / 16P
Octor Transparent Latch, 3-state
CD74ACT573M TI1-CD74ACT573M Datasheet
1Mb / 17P
Octal transparent Latch, 3-state
CD74ACT573M TI2-CD74ACT573M Datasheet
828Kb / 18P
Octal TRansparent Latch, 3-State
29-May-2025
CD74ACT573M96 TI1-CD74ACT573M96 Datasheet
979Kb / 16P
Octor Transparent Latch, 3-state
CD74ACT573M96 TI1-CD74ACT573M96 Datasheet
1Mb / 17P
Octal transparent Latch, 3-state
More results

Similar Description - CD74ACT573M

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
AZ23-C2V7 GE-AZ23-C2V7 Datasheet
387Kb / 8P
DUAL ZENER DIODES
logo
NXP Semiconductors
BZB84 NXP-BZB84 Datasheet
90Kb / 14P
Dual Zener diodes
Rev. 03-9 June 2009
PZUXDB2 NXP-PZUXDB2 Datasheet
124Kb / 12P
Dual Zener diodes
Rev. 01-31 March 2008
PZU7.5DB2 NXP-PZU7.5DB2 Datasheet
124Kb / 12P
Dual Zener diodes
Rev. 01-31 March 2008
PZU10DB2 NXP-PZU10DB2 Datasheet
124Kb / 12P
Dual Zener diodes
Rev. 01-31 March 2008
BZB84-B3V0 NXP-BZB84-B3V0 Datasheet
90Kb / 14P
Dual Zener diodes
Rev. 03-9 June 2009
BZB84-C20 NXP-BZB84-C20 Datasheet
90Kb / 14P
Dual Zener diodes
Rev. 03-9 June 2009
PZU30DB2 NXP-PZU30DB2 Datasheet
124Kb / 12P
Dual Zener diodes
Rev. 01-31 March 2008
logo
Nexperia B.V. All right...
BZB84_SER NEXPERIA-BZB84_SER Datasheet
2Mb / 14P
Dual Zener diodes
Rev. 03 - 9 June 2009
PZUXDB2_SER NEXPERIA-PZUXDB2_SER Datasheet
238Kb / 13P
Dual Zener diodes
Rev. 01 - 31 March 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com