Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CD74ACT573M Datasheet(PDF) 9 Page - NXP Semiconductors

Part # CD74ACT573M
Description  Dual Zener diodes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CD74ACT573M Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button CD74ACT573M Datasheet HTML 5Page - NXP Semiconductors CD74ACT573M Datasheet HTML 6Page - NXP Semiconductors CD74ACT573M Datasheet HTML 7Page - NXP Semiconductors CD74ACT573M Datasheet HTML 8Page - NXP Semiconductors CD74ACT573M Datasheet HTML 9Page - NXP Semiconductors CD74ACT573M Datasheet HTML 10Page - NXP Semiconductors CD74ACT573M Datasheet HTML 11Page - NXP Semiconductors CD74ACT573M Datasheet HTML 12Page - NXP Semiconductors CD74ACT573M Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
BZB84_SER_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 9 June 2009
9 of 14
NXP Semiconductors
BZB84 series
Dual Zener diodes
Tj =25 °C to 150 °C
BZB84-B/C2V4 to BZB84-B/C4V3
Tj =25 °C to 150 °C
BZB84-B/C4V7 to BZB84-B/C12
Fig 3.
Per diode: Temperature coefficient as a
function of working current; typical values
Fig 4.
Per diode: Temperature coefficient as a
function of working current; typical values
Tj =25 °C
BZB84-B/C2V7 to BZB84-B/C8V2
Tj =25 °C
BZB84-B/C10 to BZB84-B/C36
Fig 5.
Per diode: Working current as a function of
working voltage; typical values
Fig 6.
Per diode: Working current as a function of
working voltage; typical values
060
0
−2
−3
−1
mbg783
20
40
IZ (mA)
SZ
(mV/K)
4V3
3V9
3V6
3V0
2V4
2V7
3V3
020
16
10
0
−5
5
mbg782
48
12
IZ (mA)
SZ
(mV/K)
4V7
12
11
10
9V1
8V2
7V5
6V8
6V2
5V6
5V1
VZ (V)
010
8
46
2
006aaa996
20
30
10
40
50
IZ
(mA)
0
VZ(nom) (V) = 2.7
3.3
3.9
4.7
5.6
6.8
8.2
VZ (V)
040
30
10
20
006aaa997
10
20
30
5
15
25
IZ
(mA)
0
VZ(nom) (V) = 10
36
33
27
22
18
12
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com