Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS1121 Datasheet(PDF) 14 Page - ams AG

Part # AS1121
Description  16-Channel LED Driver with Dot Correction and Greyscale PWM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1121 Datasheet(HTML) 14 Page - ams AG

Back Button AS1121 Datasheet HTML 10Page - ams AG AS1121 Datasheet HTML 11Page - ams AG AS1121 Datasheet HTML 12Page - ams AG AS1121 Datasheet HTML 13Page - ams AG AS1121 Datasheet HTML 14Page - ams AG AS1121 Datasheet HTML 15Page - ams AG AS1121 Datasheet HTML 16Page - ams AG AS1121 Datasheet HTML 17Page - ams AG AS1121 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
www.austriamicrosystems.com/AS1121
Revision 1.01
13 - 21
AS1121
Datasheet - Detailed Descr i pti on
Setting Dot Correction
The AS1121 can perform independent fine-adjustments to the output current of each channel, i.e., dot correction. Dot correction is used to adjust
brightness deviations of LEDs connected to the output channels (OUT0:OUT15).
The device powers up with the following default seetings: DC = 63 and GS = 4095.
The 16 channels can be individually programmed with a 6-bit word. The channel output can be adjusted in 64 steps from 0 to 100% of the maxi-
mum output current (IMAX). The output current for each OUTn channel can be calculated as:
Where:
IMAX is the maximum programmable output current for each output;
DCn is the programmed dot correction value for output (DCn = 0 to 63);
n = 0 to 15
Dot correction data are simultaneously entered for all channels. The complete dot correction data format consists of 16 x 6-bit words, which
forms a 96-bit serial data packet (see Figure 19). Channel data is put on one by one, and the data is clocked in with the MSB first.
Figure 19. Dot Correction Data Packet Format
Figure 20. Dot Correction Data Input Timing Diagram
IOUTn = IMAX x
DCn
63
(EQ 3)
DC0.0
DC0.5
DC1.0
DC14.5
DC15.0
DC15.5
LSB
DC OUT0
DC OUT14:DC OUT1
...
...
...
DC OUT15
MSB
95
90
89
6
5
0
DCn
MSB-2
DCn
MSB-1
DCn
LSB+1
DCn
MSB
DCn-1
LSB
DCn
LSB
DCn+1
MSB
DCn+1
MSB-1
DCn-1
MSB-1
DCn-1
MSB-2
DCn-1
LSB+1
DCn-1
LSB
DCn
MSB
DCn
MSB-1
DCn
MSB-2
DCn-1
MSB
MODE
SDI
CLK
SDO
LD
VCC
Dot Correction Mode
Data Input Cycle n
Dot Correction Mode
Data Input Cycle n +1
tH1
tWH2
tSU1
12
tWH0
tWL0
1
2
1
95
96
GND
tSU0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com