Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS1121 Datasheet(PDF) 17 Page - ams AG

Part # AS1121
Description  16-Channel LED Driver with Dot Correction and Greyscale PWM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1121 Datasheet(HTML) 17 Page - ams AG

Back Button AS1121 Datasheet HTML 13Page - ams AG AS1121 Datasheet HTML 14Page - ams AG AS1121 Datasheet HTML 15Page - ams AG AS1121 Datasheet HTML 16Page - ams AG AS1121 Datasheet HTML 17Page - ams AG AS1121 Datasheet HTML 18Page - ams AG AS1121 Datasheet HTML 19Page - ams AG AS1121 Datasheet HTML 20Page - ams AG AS1121 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
www.austriamicrosystems.com/AS1121
Revision 1.01
16 - 21
AS1121
Datasheet - Detailed Descr i pti on
Greyscale PWM Operation
The falling edge of the OEN signal initiates a greyscale PWM cycle. The first GSCLK pulse after the falling edge of OEN increments the grey-
scale counter by one and switches on any OUTn whose greyscale value does not equal zero. Each subsequent rising edge of GSCLK incre-
ments the greyscale counter by one.
The AS1121 compares the greyscale value of each OUTn channel with the greyscale counter value. All OUTn whose greyscale values equal the
counter values are switched off. A OEN = 1 signal after 4096 GSCLK pulses resets the greyscale counter to zero and completes a greyscale
PWM cycle (see Figure 24).
Figure 24. Greyscale PWM Cycle Timing Diagram
Output Delay
To minimize the ripple on the inrush current, the outputs are delayed and are not switching at the same time. The 16 channels of the AS1121 are
combined in groups of 4. The channels within the groups OUT0:OUT3, OUT4:OUT7, OUT8:OUT11, OUT12:OUT15 are switching at the same
time. Between the 4 groups a delay of td = 25ns (typ.) is implemented. On request this delay can be turned off (see Ordering Information on page
20).
To increase the EMI performance the rising and falling edges of the OUTn signals are symmetrical (tR = tF = 25ns). The rise- and fall-times are
factory set and can be changed on request. For further information and requests, please contact us mailto:sales@austriamicrosystems.com.
Greyscale PWM
Cycle n
Greyscale
PWM
Cycle n+1
tWH3
1
tPD2
tSU4
tH4
23
tPD2
tPD2+td
tPD2
4096
tW1
tWL1
tWH1
tPD1
OEN
GSCLK
OUT0:OUT3
Current
XERR
OUT4:OUT7
Current
OUT8:OUT11
Current
OUT12:OUT15
Current
tPD2+2xtd
tPD2+3xtd
all LED’s OFF
all LED’s ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com