Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS1121 Datasheet(PDF) 16 Page - ams AG

Part # AS1121
Description  16-Channel LED Driver with Dot Correction and Greyscale PWM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1121 Datasheet(HTML) 16 Page - ams AG

Back Button AS1121 Datasheet HTML 12Page - ams AG AS1121 Datasheet HTML 13Page - ams AG AS1121 Datasheet HTML 14Page - ams AG AS1121 Datasheet HTML 15Page - ams AG AS1121 Datasheet HTML 16Page - ams AG AS1121 Datasheet HTML 17Page - ams AG AS1121 Datasheet HTML 18Page - ams AG AS1121 Datasheet HTML 19Page - ams AG AS1121 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
www.austriamicrosystems.com/AS1121
Revision 1.01
15 - 21
AS1121
Datasheet - Detailed Descr i pti on
Status Information Data (SID)
The AS1121 contains an integrated status information register, which can be accessed in greyscale mode (MODE = GND). Once the LD signal
latches the data into the greyscale register, the input shift register data is replaced with status information data (see Figure 23).
Open LED and overtemperature flags as well as the dot-correction registers can be read out at pin SDO. The status information data packet is
192 bits wide. Bits 191:176 and 31:16 contain the open LED detection status of each channel (either 191:176 or 31:16 can be used for readout).
Bit 175 contains the thermal error flag status. Bits 167:72 contain the data of the dot-correction register. Bit 15:0 contains the LED shorted flags.
The remaining bits are reserved. The complete status information data packet is shown in Figure 23.
Figure 23. Status Information Data Packet Format
0
X
DC0.0
DC15.5
X
TWF
TEF
LOD0
LOD15
LSB
DC Values
...
...
...
Open LED
Detect Data
Overtempera-
ture Flag
MSB
191
176
175
168
167
72
71
15:0
Bit #
Description
Bit #
Description
191:176
reserved
167:72
Dot Correction Readback (16 x 6 Bit)
175
Temperature Error Flag (TEF, 150ºC, typ)
71:32
reserved
174
Temperature Warning Flag (TWF, 125ºC, typ)
31:16
LED Open Detection (Optional, same as bits 176:191), LOD
173:168
reserved
15:0
reserved
31:16
LOD
174
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com