Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS1121 Datasheet(PDF) 2 Page - ams AG

Part # AS1121
Description  16-Channel LED Driver with Dot Correction and Greyscale PWM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1121 Datasheet(HTML) 2 Page - ams AG

  AS1121 Datasheet HTML 1Page - ams AG AS1121 Datasheet HTML 2Page - ams AG AS1121 Datasheet HTML 3Page - ams AG AS1121 Datasheet HTML 4Page - ams AG AS1121 Datasheet HTML 5Page - ams AG AS1121 Datasheet HTML 6Page - ams AG AS1121 Datasheet HTML 7Page - ams AG AS1121 Datasheet HTML 8Page - ams AG AS1121 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
AS1121
16-Channel LED Driver with Dot Correction and Greyscale PWM
www.austriamicrosystems.com/AS1121
Revision 1.01
1 - 21
Data sheet
1 General Description
The AS1121 is a 16-channel, constant current-sink LED driver. Each
of the 16 channels can be individually adjusted by 4096-step grey-
scale PWM brightness control and 64-step constant-current sink (dot
correction).
The dot correction circuitry adjusts the brightness variations between
the AS1121 channels and other LED drivers. Greyscale control and
dot correction circuitry are accessible via the SPI-compatible serial
interface. A single external resistor sets the maximum current value
of all 16 channels.
The open LED detection function indicates a broken or disconnected
LED at one or more of the outputs. The overtemperature protection-
flag indicates that the device is in an overtemperature condition.
An additional power-down pin puts the AS1121 into a 40nA standby-
mode.
The AS1121 is available in a 32-pin TQFN 5x5 mm package.
Figure 1. AS1121 - Block Diagram
2 Key Features
Greyscale PWM Control: 12-Bit (4096 Steps)
Dot Correction: 6-Bit (64 Steps)
Drive Capability (Constant-Current Sink): 0 to 40mA
LED Power Supply Voltage: up to 30V
Supply Voltage Range: 3.1V to 3.6V
SPI-Compatible Serial Interface
Output Delay for controlled Inrush Current (factory set, can be
turned off)
Factory set rise- and fall-time for EMI improvement
PWM Clock Rate: up to 10 MHz
Data Transfer Clock Rate: up to 30 MHz
CMOS Level I/O
Diagnostic Features
32-pin TQFN 5x5 mm Package
3 Applications
The device is ideal for mono-, multi-, and full-color LED displays,
LED signboards, and display backlights.
AS1121
Max OUTn
Current
27
VCC
Status
Open LED Detect,
Overtemperature,
Dot Correction
Data
Over-
temp
22
XERR
Open
LED
Detect
26
IREF
24
GSCLK
31
OEN
30
GND
23
SDO
.
.
.
Control
12-Bit Greyscale
PWM Control
Constant Current
Driver
21
OUT15
6-Bit Dot
Correction
Dot Correction
90
Register 95
Greyscale
180 Register191
Control
12-Bit Greyscale
PWM Control
Constant Current
Driver
Open&Short LED Detection
4
OUT0
6-Bit Dot
Correction
Dot Correction
0
Register
5
Greyscale
0
Register 11
Control
12-Bit Greyscale
PWM Control
Constant Current
Driver
5
OUT1
6-Bit Dot
Correction
Dot Correction
6
Register
11
Greyscale
12 Register 23
.
.
.
32 LD
Input
Shift
Register
Input
Shift
Register
2 SDI
1 CLK
Greyscale
Counter
Control
VREF =
1.24V
3
MODE
Open&Short LED Detection
Open&Short LED Detection
29 PD
Delay
Delay
Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com