Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS3635 Datasheet(PDF) 7 Page - ams AG

Part # AS3635
Description  Xenon Flash Driver with 5V IGBT Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3635 Datasheet(HTML) 7 Page - ams AG

Back Button AS3635 Datasheet HTML 3Page - ams AG AS3635 Datasheet HTML 4Page - ams AG AS3635 Datasheet HTML 5Page - ams AG AS3635 Datasheet HTML 6Page - ams AG AS3635 Datasheet HTML 7Page - ams AG AS3635 Datasheet HTML 8Page - ams AG AS3635 Datasheet HTML 9Page - ams AG AS3635 Datasheet HTML 10Page - ams AG AS3635 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
www.austriamicrosystems.com/AS3635
1.4-8
6 - 20
AS3635
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
VBAT = 3.6V, TA = +25ºC (unless otherwise specified). CFLASH=22µF, TCHARGE Transformer = TTRN-3822,
QIGBT=RJP4002ANS, ISW=750mA.
Figure 3. Charging Waveform
Figure 4. Charging Time vs. VBAT
VFLASH drop due to
load of measurement
500ms/Div
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
2.4
2.8
3.2
3.6
4.0
VBAT (V)
Figure 5. Charging Waveform VBAT=2.51V
Figure 6. Charging Waveform VBAT=4.2V
500ms/Div
500ms/Div
Figure 7. Efficiency vs. VFLASH
Figure 8. Efficiency vs. Charging Time
0
10
20
30
40
50
60
70
80
0
50
100
150
200
250
300
350
Voltage on CFLASH (V)
VBAT=3.6V
VBAT=2.7V
VBAT=4.2V
Note: Efficiency is mostly defined
by external components used
and transformer TTRN-3822 is
optimized for size
0
10
20
30
40
50
60
70
80
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Charging Time (s)
VBAT=3.6V
VBAT=2.7V
VBAT=4.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com