Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS3635 Datasheet(PDF) 4 Page - ams AG

Part # AS3635
Description  Xenon Flash Driver with 5V IGBT Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3635 Datasheet(HTML) 4 Page - ams AG

  AS3635 Datasheet HTML 1Page - ams AG AS3635 Datasheet HTML 2Page - ams AG AS3635 Datasheet HTML 3Page - ams AG AS3635 Datasheet HTML 4Page - ams AG AS3635 Datasheet HTML 5Page - ams AG AS3635 Datasheet HTML 6Page - ams AG AS3635 Datasheet HTML 7Page - ams AG AS3635 Datasheet HTML 8Page - ams AG AS3635 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
www.austriamicrosystems.com/AS3635
1.4-8
3 - 20
AS3635
Datasheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in Table 3, “Electrical
Characteristics,” on page 4 is not implied. Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
Table 2. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
VBAT, V5V to GND
-0.3
+7.0
V
CHARGE, DONE, FLASH to GND
-0.3
VBAT +
0.3
V
maximum 7.0V
IGBT_GATE to GND
-0.3
V5V +
0.3
V
SW to PGND
-0.3
+55.0
V
PGND to GND
0.0
0.0
V
Connect PGND to GND directly below
the pad (short connection
recommended)
Input Pin Current without causing latchup
-100
+100
+IIN
mA
Norm: EIA/JESD78
Continuous Power Dissipation (TA = +70ºC)
Continuous power dissipation
0.76
W
PT
1
1. Depending on actual PCB layout and PCB used
Electrostatic Discharge
ESD pins VBAT, CHARGE, DONE, FLASH
2
2. Assembled on PCB board (requires capacitor CVBAT); special PCB layout (spark gaps) and external resistors
required; system test for completed module (fully capsuled), no permanent interruption of operation
±15000
V
Air Discharge to module;
IEC 61000 -4 -2 test bench
±8000
V
Contact Test to module;
IEC 61000 -4 -2 test bench
ESD HBM pins SW, IGBT_GATE, PGND, V5V
±2000
V
Norm: MIL 883 E Method 3015
ESD CDM
±500
V
Norm: JEDEC JESD 22-C101C
ESD MM
±100
V
Norm: JEDEC JESD 22-A115-A level A
Temperature Ranges and Storage Conditions
Storage Temperature Range
-55
+125
ºC
Humidity
5
85
%
Non condensing
Body Temperature during Soldering
+260
ºC
according to IPC/JEDEC J-STD-020
Moisture Sensitivity Level (MSL)
MSL 1
Represents a max. floor life time of
unlimited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com