Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS3635 Datasheet(PDF) 6 Page - ams AG

Part # AS3635
Description  Xenon Flash Driver with 5V IGBT Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3635 Datasheet(HTML) 6 Page - ams AG

Back Button AS3635 Datasheet HTML 2Page - ams AG AS3635 Datasheet HTML 3Page - ams AG AS3635 Datasheet HTML 4Page - ams AG AS3635 Datasheet HTML 5Page - ams AG AS3635 Datasheet HTML 6Page - ams AG AS3635 Datasheet HTML 7Page - ams AG AS3635 Datasheet HTML 8Page - ams AG AS3635 Datasheet HTML 9Page - ams AG AS3635 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
www.austriamicrosystems.com/AS3635
1.4-8
5 - 20
AS3635
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
VIH
High Level Input
Voltage
Pins CHARGE, FLASH;
pin DONE in trimmode
1.26
V
VIL
Low Level Input
Voltage
0.0
0.54
V
VOL
Low Level Output
Voltage
Pin DONE, ILOAD=4mA
0.2
V
ILEAK
Leakage current
Pin DONE
-1
+1
µA
RPD
Pulldown resistance to
GND
3
Pins CHARGE, FLASH
52
k
Ω
Recommended Transformer parameters - see Table 4, “Recommended Transformers,” on page 15
LPRIMARY
Primary Inductance
6
µH
LLEAK
Primary Leakage
Inductance
0.4
µH
N
Turns Ratio
for VFLASH=320V (final charged
voltage on CFLASH)
10.2
VISOLATION
Isolation Voltage
500
V
ISATURATION
Primary Saturation
Current
0.84
A
RPRIMARY
Primary Winding
Resistance
0.4
Ω
RSECUNDAR
Y
Secondary Winding
Resistance
60
Ω
1. Minimum VVBAT is set to 2.51V to allow a little margin to maximum VUVLO undervoltage lockout of 2.5V.
2. Setting CHARGE=1 resets the timeout timer. Additionally the timeout timer is automatically stopped at power
on reset and once it has expired.
3. Measured with VBAT=3.7V, CHARGE or FLASH = 1.26V
Table 3. Electrical Characteristics (Continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com