Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS3635 Datasheet(PDF) 5 Page - ams AG

Part # AS3635
Description  Xenon Flash Driver with 5V IGBT Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3635 Datasheet(HTML) 5 Page - ams AG

  AS3635 Datasheet HTML 1Page - ams AG AS3635 Datasheet HTML 2Page - ams AG AS3635 Datasheet HTML 3Page - ams AG AS3635 Datasheet HTML 4Page - ams AG AS3635 Datasheet HTML 5Page - ams AG AS3635 Datasheet HTML 6Page - ams AG AS3635 Datasheet HTML 7Page - ams AG AS3635 Datasheet HTML 8Page - ams AG AS3635 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
www.austriamicrosystems.com/AS3635
1.4-8
4 - 20
AS3635
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
VVBAT = +2.51V to +5.5V, TAMB = -30ºC to +85ºC, unless otherwise specified. Typical values are at VVBAT = +3.6V,
TAMB = +25ºC, unless otherwise specified.
Table 3. Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
General Operating Conditions
VVBAT
Supply Voltage
2.51
1
3.6
5.5
V
TAMB
Operating
Temperature
-30
25
85
ºC
ISHUTDOWN
Shutdown Current
CHARGE = 0, charge pump OFF, FLASH = 0
TAMB<50ºC; VVBAT<3.7V
0.5
1.0
µA
VUVLO
Undervoltage Lockout
Measured on pin VBAT
2.3
2.5
V
VFLASH Capacitor Charger
VTRIP
Comparator trip
voltage
V(SW) - V(VBAT) in circuit adjustable with
OTP. TAMB = 0°C to 50°C; only if VTRIP is
trimmed by austriamicrosystems
31.9
32.4
32.9
V
VTRIPRANGE
Programming range of
VTRIP
5 bit programming 32.4V -11.2%/+10.5%;
measured on pin SW
Allows in-circuit trimming of the final charged
voltage VFLASH on capacitor CFLASH
29.6
35.8
V
VSW
Maximum voltage on
pin SW
50
V
ISW
Switching current limit
0.75
0.9
1.05
A
RSW
Switch on resistance
Internal transistor between SW and PGND
0.4
Ω
tEOC_DET
end of charge comparator trigger time - see
Internal Circuit on page 8
128
138
148
ns
Charge Pump Parameters
VV5V
5V Charge pump
output voltage
5.25 > VVBAT > 2.7V
4.75
5.0
5.25
V
2.7V > VVBAT > 2.51V
4.3
5.25
ICHRG_PUMP
Charge Pump
Operating Current
CHARGE= 0->1->0 (20 seconds timer
running
2
), charge pump ON
includes 48µA for internal biasing and oscillator
163
µA
fCLK
Operating frequency
2.0
MHz
IGBT Control - See IGBT Driver on page 13
IBGTRISE
IGBT control voltage
rise time
Pin IGBT_GATE, rise/falltime 10% - 90%,
V5V=5V, TAMB=25ºC, VIN=3.7V, AS3635E,
load: 6.5nF (capacitor)
0.171
0.214
0.256
µs
IBGTFALL
IGBT control voltage
fall time
0.42
0.525
0.63
µs
RIGBT_ON
IGBT switching on
resistance
TAMB=-30ºC to 85ºC
AS3635B
30
50
60
Ω
AS3635E
5
15
20
Ω
IIGBT_SINK
IGBT Sink Current
VIGBT_GATE below 2.3V;
TAMB=-30ºC to 85ºC
AS3635B
10
15
20
mA
AS3635E
52
60
70
mA
IIGBT_BOOST
IGBT Boost Current
VIGBT_GATE above 2.3V; TAMB=-30ºC to 85ºC
40
46
53
mA
Digital Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com