Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CPC5604 Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC5604
Description  Optical Data Access Arrangement I.C.
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5604 Datasheet(HTML) 1 Page - Clare, Inc.

  CPC5604 Datasheet HTML 1Page - Clare, Inc. CPC5604 Datasheet HTML 2Page - Clare, Inc. CPC5604 Datasheet HTML 3Page - Clare, Inc. CPC5604 Datasheet HTML 4Page - Clare, Inc. CPC5604 Datasheet HTML 5Page - Clare, Inc. CPC5604 Datasheet HTML 6Page - Clare, Inc. CPC5604 Datasheet HTML 7Page - Clare, Inc. CPC5604 Datasheet HTML 8Page - Clare, Inc. CPC5604 Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
1
www.clare.com
CPC5604
ANDS-CPC5604-XXX
The CPC5604 is a single package optical Data Access
Arrangement (DAA) device in a low profile surface
mount PCMCIA compatible package. With a few exter-
nal components, the CPC5604 provides a full featured
International 56K capable solution. This device is well
suited for all 56K modems, voice mail systems, fax
machines, computer telephony applications, remote
data access, medical, and security systems. For
International compliance, external passive component
values can be changed or, the CPC5604 can be used
in conjunction with the CPC5601 Programmable Driver
for a host programmable International DAA.
• 56K Modems/Fax including PCMCIA
• Computer Telephony
• Voice Mail Systems
• Security/alarm systems
• Utility Meters
• Vending machines
• Voice Over IP
• Network routers
• PBX systems
• Home Medical Devices
• Plant monitoring equipment
• PC Mother Boards
• Set Top Boxes (Cable TV Modems)
• UL1950/UL1459
• EN60950
• 56K Compatible
• Transformerless Optical Design
• Complete Ring Detector Circuit
• Caller ID Signal Detection
• Snoop Circuitry
• Integrated Hybrid
• Small 32-Pin Plastic Package
• PCMCIA Compatible
• PCB Space and Cost Savings
• compatible with all modem speeds including V.90
• FCC compliant
• Compatible with U.S. and International dial up
Phone lines
• CTR-21 Compliant
Applications
Features
Description
Approvals
Optical Data Access Arrangement I.C.
Ordering Information
Part #
Description
CPC5604A
Data Access Arrangement,
Tape and Reel
CPC5604ATR
Data Access Arrangement,
Tape and Reel
Block Diagram
Transconductance
Stage
2-4 Wire Hybrid
AC/DC Termination
Hookswitch
Isolation Barrier
Vref
AGC
Vref
AGC
Snoop Amplifier
Receive
Isolation
Amplifier
Transmit
Isolation
Amplifier
TIP+
RING-
Transmit
Diff.
Amplifier
Receive
Diff.
Amplifier
CID/
RING
MUX
Tx+
Tx-
OH
RING
CID
Rx+
Rx-
Current Limit Control
AC Impedance Control
VI Slope Control
C
S
C
S
R
SNOOP
R
SNOOP


Similar Part No. - CPC5604

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5601 CLARE-CPC5601 Datasheet
355Kb / 14P
Auxiliary Programmable Driver IC
logo
IXYS Corporation
CPC5601 IXYS-CPC5601 Datasheet
384Kb / 15P
Auxiliary Programmable Driver IC
logo
Clare, Inc.
CPC5601D CLARE-CPC5601D Datasheet
355Kb / 14P
Auxiliary Programmable Driver IC
logo
IXYS Corporation
CPC5601D IXYS-CPC5601D Datasheet
384Kb / 15P
Auxiliary Programmable Driver IC
CPC5601DTR IXYS-CPC5601DTR Datasheet
384Kb / 15P
Auxiliary Programmable Driver IC
More results

Similar Description - CPC5604

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH88422-1 MITEL-MH88422-1 Datasheet
73Kb / 14P
Data Access Arrangement Preliminary Information
MH88435-P MITEL-MH88435-P Datasheet
71Kb / 16P
Data Access Arrangement Preliminary Information
MH88437-P MITEL-MH88437-P Datasheet
96Kb / 16P
Data Access Arrangement Advance Information
logo
List of Unclassifed Man...
CH1840 ETC-CH1840 Datasheet
432Kb / 7P
Low Profile Data Access Arrangement (DAA) Modules
logo
Mitel Networks Corporat...
MH88435 MITEL-MH88435 Datasheet
141Kb / 5P
Data Access Arrangement
logo
Silicon Laboratories
SI3056 SILABS-SI3056 Datasheet
1Mb / 94P
GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
logo
Clare, Inc.
CPC5610 CLARE-CPC5610 Datasheet
730Kb / 18P
LITELINK??II Silicon Data Access Arrangement (DAA) IC
logo
Silicon Laboratories
SI3068 SILABS-SI3068 Datasheet
723Kb / 40P
FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
logo
Nais(Matsushita Electri...
AQS210PS NAIS-AQS210PS Datasheet
101Kb / 4P
DAA (Data Access Arrangement) circuit package. SOP 16-pin type.
logo
Clare, Inc.
CYG2111 CLARE-CYG2111 Datasheet
459Kb / 6P
Data Access Arrangement (DAA) Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com