Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CPC5604 Datasheet(PDF) 4 Page - Clare, Inc.

Part # CPC5604
Description  Optical Data Access Arrangement I.C.
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5604 Datasheet(HTML) 4 Page - Clare, Inc.

  CPC5604 Datasheet HTML 1Page - Clare, Inc. CPC5604 Datasheet HTML 2Page - Clare, Inc. CPC5604 Datasheet HTML 3Page - Clare, Inc. CPC5604 Datasheet HTML 4Page - Clare, Inc. CPC5604 Datasheet HTML 5Page - Clare, Inc. CPC5604 Datasheet HTML 6Page - Clare, Inc. CPC5604 Datasheet HTML 7Page - Clare, Inc. CPC5604 Datasheet HTML 8Page - Clare, Inc. CPC5604 Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
www.clare.com
CPC5604
XXX
Electrical Characteristics
Absolute Maximum Ratings are stress ratings. Stresses
in excess of these ratings can cause permanent damage
to the device. Functional operation of the device at these
or any other conditions beyond those indicated in the
operational sections of this data sheet is not implied.
Exposure of the device to the absolute maximum ratings
for an extended period may degrade the device and effect
its reliability.
4
PARAMETER
MIN
TYP
MAX
UNIT
CONDITION
DC Characteristics
Operating Voltage V
CC
4.75
5
5.25
V
Modem Side
Operating Current I
CC
-
-
15
mA
Modem Side
Operating Voltage V
DD
3.5
-
5.25
V
From Tip and Ring
Operating Current I
DD
-
-
5
mA
Drawn from Tip and Ring
On-Hook Characteristics
DC Resistance (metallic)
10
-
-
M
Ω
Tip to Ring, 100VDC Applied
DC Resistance (longitudinal)
10
-
-
M
Ω
150VDC Applied from Tip and Ring
to Earth GND
Ring Signal Detection at 68 Hz*
5
-
-
V
Ring Signal Applied to Tip and Ring
Ring Signal Detection at 15 Hz*
28
-
-
V
Ring Signal Applied to Tip and Ring
Snoop Circuit Frequency Response*
600
-
4000
Hz
3dB Corner Frequency
Snoop Circuit CMRR
-
-40
-
dB
120V
RMS 60Hz Common
Mode Signal on Tip/Ring
Ringer Equivalence
-
0.1B
-
REN
-
Longitudinal Balance
60
-
-
dB
Per FCC Part 68.3
Off-Hook Characteristics
AC Impedance*
-
600
-
Ω
Tip to Ring
Longitudinal Balance
40
-
-
dB
Tip and Ring to Ground, per FCC part
68.3
Return Loss
-
26
-
dB
Against 600
Ω, 1800Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com