Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CPC5604 Datasheet(PDF) 6 Page - Clare, Inc.

Part # CPC5604
Description  Optical Data Access Arrangement I.C.
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5604 Datasheet(HTML) 6 Page - Clare, Inc.

Back Button CPC5604 Datasheet HTML 2Page - Clare, Inc. CPC5604 Datasheet HTML 3Page - Clare, Inc. CPC5604 Datasheet HTML 4Page - Clare, Inc. CPC5604 Datasheet HTML 5Page - Clare, Inc. CPC5604 Datasheet HTML 6Page - Clare, Inc. CPC5604 Datasheet HTML 7Page - Clare, Inc. CPC5604 Datasheet HTML 8Page - Clare, Inc. CPC5604 Datasheet HTML 9Page - Clare, Inc. CPC5604 Datasheet HTML 10Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
www.clare.com
6
CPC5604
XXX
Pin #
Name
Function
1V
CC
Host power supply, +5 Volts +/-5%.
2
TXF1
TX isolation amplifier output.
3
TX -
NEG differential transmit signal into DAA.
4
TX+
POS differential transmit signal into DAA.
5
TX
TX differential amplifier input.
6
NC
Not Connected.
7
GND
Connect to host analog ground.
8
OH
Driving this signal low asserts the off-hook condition.
9
RING
Active low indicates an incoming half waved ring signal
pulsed High to Low at the ring frequency-typically 20Hz.
10
CID
Driving this signal low places the Caller ID information
on the RX pins when the DAA is on hook (OH is
deasserted).
11
RX-
NEG differential analog receive signal from the tele-
phone line and must be AC coupled with a 0.1 uF
capacitor.
12
RX+
POS differential analog receive signal from the tele-
phone line and must be AC coupled with a 0.1 uF
capacitor.
13
SNP+
One of two differential snoop inputs.
14
SNP-
One of two differential snoop inputs.
15
RXF
Receive photodiode amplifier output.
16
RX
Receive photoamplifier summing junction.
17
V
DD
Power supply for line side portion of CPC5604.
18
RXS
Receive photodiode servo input.
19
RPB
Sets receive LED prebias current.
20
BR-
Return to bridge rectifier negative output.
21
ZDC
Sets electronic inductor DCR/Current Limit.
22
DCF
DC Filter Point.
23
DCS
VI slope control via external resistor.
24
REF
1.25V internal voltage reference.
25
GAT
Depletion MOSFET gate control.
26
NTS
Receive signal input path via Tip and Ring.
27
BR-
Return to bridge rectifier negative output.
28
TXS
Receive photodiode amplifier input.
29
ZNT
Sets DAA impedance via external passive network.
30
ZTX
Transmit Transconductance gain setting pin.
31
TXF2
Receive photodiode amplifier output.
32
BR-
Return to bridge rectifier negative output.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VCC
TXF1
TX-
TX+
TX
NC
GND
OH
RING
CID
RX-
RX+
SNP+
SNP-
RXF
RX
BR-
TXF2
ZTX
ZNT
TXS
BR-
NTS
GAT
REF
DCS
DCF
ZDC
BR-
RPB
RXS
VDD
Table 2 -Package Pinout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com